전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-8000TM 데이터시트(PDF) 3 Page - Sanken electric

부품명 SI-8000TM
상세설명  DC/DC Step-Down Converter IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8000TM 데이터시트(HTML) 3 Page - Sanken electric

  SI-8000TM Datasheet HTML 1Page - Sanken electric SI-8000TM Datasheet HTML 2Page - Sanken electric SI-8000TM Datasheet HTML 3Page - Sanken electric SI-8000TM Datasheet HTML 4Page - Sanken electric SI-8000TM Datasheet HTML 5Page - Sanken electric SI-8000TM Datasheet HTML 6Page - Sanken electric SI-8000TM Datasheet HTML 7Page - Sanken electric SI-8000TM Datasheet HTML 8Page - Sanken electric SI-8000TM Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DC/DC Step-Down Converter IC
SI-8000TM Series
September 2005
Sanken Electric Co.,Ltd.
I02-001EA-050910
3-2 Recommended operating conditions
Ratings
Characteristic
Symbol
MIN
MAX
Units
Remarks
DC input voltage range
VIN
*1 Vo+3
40
V
Io=0~1.5A
DC output voltage range
Vo
0.8~24
V
DC output current range
Io
0~1.5
A
*2 VIN≧Vo+3V
Operating junction temperature
range
Tjop
-40~125
Operating temperature range
Top
-40~125
*2
*1 The minimum value of DC input voltage range is 8V when output is less than 5V,
VO+3,when the output is more than 5V.In the case of VIN=Vo+2~Vo+3V , it is set to
Io=1A MAX.
*2 To be used within the allowable package power dissipation characteristics (refer to P6).
4. Electrical characteristics
4-1 Electrical characteristics (Ta=25℃、Vo=5V adjusted R1=4.2kΩ,R2=0.8kΩ)
Limits
Characteristic
Symbol
MIN
TYP
MAX
Units
Test conditions
Reference voltage
VADJ
0.784
0.800
0.816
V
VIN=15V,IO=0.1A
Reference voltage temperature coefficient
VREF/⊿T
±
0.1
mV/℃
VIN=15V
IO=0.1A,Tc=0~100℃
Efficiency *3
η
81
%
VIN=15V,IO=0.5A
Operating frequency
fo
300
kHz
VIN=15V,IO=0.5A
Line regulation
VLine
60
80
mV
VIN=10~30V,IO=0.5A
Load regulation
VLoad
10
40
mV
VIN=15V,IO=0.2~1.5A
Over current protection starting current
IS
1.6
A
VIN=15V
Low level voltage
VSSL
0.5
V
ON/OFF
terminal *4
Flow-out current at low
level voltage
ISSL
10
40
μ
A
VSSL=0V
Quiescent current 1
Iq
6
mA
VIN=15V,IO=0A
Quiescent current 2
Iq(off)
200
400
μ
A
VIN=15V
VSS=0V
3/15


유사한 부품 번호 - SI-8000TM

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8000TM SANKEN-SI-8000TM Datasheet
56Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000TM SANKEN-SI-8000TM_12 Datasheet
56Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
More results

유사한 설명 - SI-8000TM

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TB7100F TOSHIBA-TB7100F Datasheet
355Kb / 17P
   Step-down DC-DC Converter IC
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
   Step-down DC-DC Converter IC
TB7101F TOSHIBA-TB7101F Datasheet
295Kb / 17P
   Step-down DC-DC Converter IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
logo
Shindengen Electric Mfg...
MD1323R SHINDENGEN-MD1323R Datasheet
558Kb / 2P
   Step Down DC - DC Converter Power IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com