전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8005Q-TL 데이터시트(PDF) 2 Page - Sanken electric

부품명 SI8005Q-TL
상세설명  Step-Down Switching Regulator with Current-Mode Control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI8005Q-TL 데이터시트(HTML) 2 Page - Sanken electric

  SI8005Q-TL Datasheet HTML 1Page - Sanken electric SI8005Q-TL Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
33
ICs
SI-8000Q Series
■External Dimensions (HSOP8)
(Unit : mm)
■Block Diagram
■Typical Connection Diagram
0.695 TYP
5.20
A
1.27
0.40
0.4
Pin 1 Mark
Enlarged View of A
2.90
Pin Assignment
1BS
2IN
3SW
4GND
5FB
6COMP
7EN
8SS
Plastic Mold Package Type
Flammability: UL 94V-0
Product Mass: Approx. 0.1 g
OSC
P.REG
VREF
0.5V
5v_ldo
ON
OFF
7
EN
6
COMP
4
GND
8
SS
1
BS
3
SW
5
FB
2
IN
UVLO
OVP
TSD
Amp
0.5V
5v_ldo
Drive
PWM
LOGIC
Boot
REG
Current
Sense
OCP
Amp
GND
C1
C5
8
7
6
C3
D1
R2
GND
C2
IADJ
R1
L1
VO
C4
R3
C6
OPEN
2
IN
EN
SS
COMP
GND
4
FB
SI-8000Q
SW
BS
1
3
5
VIN
VFB
C1:10µF/50V
(Murata:GRM55DB31H106KA87)
C2:22µF/16V
(Murata:GRM32ER71A226KE20)
C3:560pF*1
(Murata:GRM18 Type)
C4:10nF
(murata: GRM18 Type)
C5:10nF
(murata: GRM18 Type)
L1:10µH
D1:SJPW-T4 (Sanken)
R1:46kΩ (Vo=5V)
R2:5.1kΩ
R3:24kΩ *1
*1: When Vo=5V


유사한 부품 번호 - SI8005Q-TL

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI8030AA-B-IU SILABS-SI8030AA-B-IU Datasheet
1Mb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8030AA-B-IU SKYWORKS-SI8030AA-B-IU Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
logo
Silicon Laboratories
SI8030CA-B-IU SILABS-SI8030CA-B-IU Datasheet
1Mb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
SI8035AA-B-IU SILABS-SI8035AA-B-IU Datasheet
1Mb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8035AA-B-IU SKYWORKS-SI8035AA-B-IU Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
More results

유사한 설명 - SI8005Q-TL

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8000Y SANKEN-SI-8000Y Datasheet
59Kb / 2P
   Current Mode Control Step-down Switching Mode Regulator ICs
SI-8100QL SANKEN-SI-8100QL Datasheet
436Kb / 2P
   Current Mode Control Step-down Switching Mode Regulator ICs
SI-8100QL SANKEN-SI-8100QL_11 Datasheet
79Kb / 2P
   Current Mode Control Step-down Switching Mode
SI-8105QL SANKEN-SI-8105QL Datasheet
56Kb / 2P
   Current Mode Control Step-down Switching Mode
logo
New Japan Radio
NJU7650 NJRC-NJU7650 Datasheet
171Kb / 9P
   Step-Down switching regulator IC with Constant Current Control
logo
List of Unclassifed Man...
NR887D ETC-NR887D Datasheet
56Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs Current Mode Control, Synchronous Rectifier Step-down Switching Mode
logo
Maxim Integrated Produc...
MAX15109 MAXIM-MAX15109_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator with VID Control
2013
logo
Sanken electric
SI-8005Q SANKEN-SI-8005Q Datasheet
526Kb / 2P
   Surface Mount, Current Mode Control Step-down Switching Mode
NR887D SANKEN-NR887D Datasheet
58Kb / 2P
   Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8205NHD SANKEN-SI-8205NHD Datasheet
58Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com