전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA7051M 데이터시트(PDF) 11 Page - Sanken electric

부품명 SLA7051M
상세설명  2-Phase Unipolar Stepper Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7051M 데이터시트(HTML) 11 Page - Sanken electric

Back Button SLA7051M Datasheet HTML 6Page - Sanken electric SLA7051M Datasheet HTML 7Page - Sanken electric SLA7051M Datasheet HTML 8Page - Sanken electric SLA7051M Datasheet HTML 9Page - Sanken electric SLA7051M Datasheet HTML 10Page - Sanken electric SLA7051M Datasheet HTML 11Page - Sanken electric SLA7051M Datasheet HTML 12Page - Sanken electric SLA7051M Datasheet HTML 13Page - Sanken electric SLA7051M Datasheet HTML 14Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2-Phase Unipolar Stepper Motor Driver
SLA7050M/7051M/7052M
October 2005
Sanken Electric Co.,Ltd.
I03-002EA-051006
Cautions and warnings
The calculation of control current
SLA705xM Series control current Io is calculated as follow.
Io=VREF/Rs
REF Voltage range is 0.1V~1.0V
When the REF<0.1V, the accuracy of control current is reduce.
Moreover, if REF voltage is set up more than 2.0V, all outputs will be in OFF state.
Installation to a heat sink
1)Recommended Clamping Torque (to External Heat sink) 0.490~0.822N・m
2)Recommended Silicone
Notice
This driver has C-MOS inputs. Please notice as following contents.
When static electricity is a problem, care should be taken to properly control
the room humidity. This is particularly true in the winter when static
electricity is most troublesome.
Care should be taken with device leads and with assembly sequencing to avoid
applying static charges to IC leads. PC board pins should be shorted together
to keep them at the same potential to avoid this kind of trouble.
G746
YG6260
SC102
SHIN-ETSU CHEMICAL}
GE TOSHIBA SILICONES}
DOW CORNING TORAY SILICONE}
11/14


유사한 부품 번호 - SLA7051M

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SLA7051M ALLEGRO-SLA7051M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7051MLF871 ALLEGRO-SLA7051MLF871 Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
More results

유사한 설명 - SLA7051M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com