전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA7062M 데이터시트(PDF) 3 Page - Sanken electric

부품명 SLA7062M
상세설명  2-Phase Unipolar Stepper Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7062M 데이터시트(HTML) 3 Page - Sanken electric

  SLA7062M Datasheet HTML 1Page - Sanken electric SLA7062M Datasheet HTML 2Page - Sanken electric SLA7062M Datasheet HTML 3Page - Sanken electric SLA7062M Datasheet HTML 4Page - Sanken electric SLA7062M Datasheet HTML 5Page - Sanken electric SLA7062M Datasheet HTML 6Page - Sanken electric SLA7062M Datasheet HTML 7Page - Sanken electric SLA7062M Datasheet HTML 8Page - Sanken electric SLA7062M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2-Phase Unipolar Stepper Motor Driver
SLA7060M/61M/62M/65M/66M/67M
October 2005
.
Sanken Electric Co.,Ltd.
I03-003EA-051006
Electrical characteristics
Recommendable Operating Range
Ratings
Characteristic
Symbol
MIN
MAX
Unit
Remarks
Load Supply Voltage
VM
44
V
Main Power Supply Voltage Range
VBB
10
44
V
Logic Supply Voltage Range
VDD
3.0
5.5
V
Please adjust the Vcc surge
voltage to 0.5V or less.
REF Input Voltage Range
VREF
0.1
1.0
V
The control current
accuracy decreases in 0.1V
or less.
Case Temperature
TC
90
°C
11Pin temperature
at No Fin)
Electrical Characteristic (Ta=25°C,VBB=24V,VDD=5V Unless Otherwise Noted.)
Limits
Characteristic
Symbol
Min.
Typ.
Max.
Unit
TestCondition
IBB
15
mA
Regularity
MainPowerSupplyCurrent
IBBS
100
µA
atSLEEPoperates
LogicSupplyCurrent
IDD
4
mA
Drain-SourceBreakdown
V(BR)DS
100
V
VBB=44V
ID=1mA
OutputOnResistance
RDS(on)
0.25
0.4
ID=2A
BodyDiodeForwardVoltage
VF
0.95
1.2
V
IF=2A
MaximumClockFrequency
fclk
250
kHz duty=50%
VIL
0.25 VDD
V
Logic Input Voltage
VIH
0.75VDD
V
IIL
±
1
µA
IIH
±
1
µA
Clock,Reset,
CW/CCW,Sync
IILM
-
75
-
50
-
25
µA
LogicInputCurrent
IIHM
±
1
µA
M1,M2
VREF
0
1.5
V
Stationarycurrentcontrol
REF Input Voltage Range
VREFS
2.0
VDD
V
atSLEEPoperates
REFInputCurrent
IREF
±
10
µA
VREF=0~VDD
VMOL
1.25
V
IMOL =1.5mA
MoOutputVoltage
VMOH
VDD-1.25
V
IMOH =-1.5mA
IMOL
3
mA
MoOutputCurrent
IMOH
-
3
mA
Operation at a step frequency greater than the specified minimum value is possible but not warranted.
Note.
Negative current is defined as coming out of the specified pin.
3/18


유사한 부품 번호 - SLA7062M

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SLA7062M ALLEGRO-SLA7062M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7062M ALLEGRO-SLA7062M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
More results

유사한 설명 - SLA7062M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com