전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWDM-1619-7D-47 데이터시트(PDF) 6 Page - Finisar Corporation.

부품명 FWDM-1619-7D-47
상세설명  WDM SFP Transceiver with APD Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINISAR [Finisar Corporation.]
홈페이지  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1619-7D-47 데이터시트(HTML) 6 Page - Finisar Corporation.

Back Button FWDM-1619-7D-47 Datasheet HTML 2Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 3Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 4Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 5Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 6Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 7Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 8Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 9Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FWDM-1619-7D-xx SFP Product Specification May 2003
F i n i s a r
© Finisar Corporation May 2003 Rev.D
Page 6
VIII.
Digital Diagnostic Functions
Finisar FWDM-1619-7D-xx SFP transceivers support the 2-wire serial communication
protocol as defined in the draft SFP MSA
1. It is very closely related to the E2PROM
defined in the GBIC standard, with the same electrical specifications.
The standard SFP serial ID provides access to identification information that describes
the transceiver’s capabilities, standard interfaces, manufacturer, and other information.
Additionally, Finisar SFP transceivers provide a unique enhanced digital diagnostic
monitoring interface, which allows real-time access to device operating parameters such
as transceiver temperature, laser bias current, transmitted optical power, received optical
power and transceiver supply voltage. It also defines a sophisticated system of alarm and
warning flags, which alerts end- users when particular operating parameters are outside of
a factory set normal range.
The SFP MSA defines a 256-byte memory map in E
2PROM that is accessible over a
2-wire serial interface at the 8 bit address 1010000X (A0h). The digital diagnostic
monitoring interface makes use of the 8 bit address 1010001X (A2h), so the originally
defined serial ID memory map remains unchanged. The interface is identical to, and is
thus fully backward compatible with both the GBIC Specification and the SFP Multi
Source Agreement. The complete interface is described in Finisar Application Note AN-
2030: “Digital Diagnostics Monitoring Interface for SFP Optical Transceivers”.


유사한 부품 번호 - FWDM-1619-7D-47

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-49 FINISAR-FWDM-1621-7D-49 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-51 FINISAR-FWDM-1621-7D-51 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-53 FINISAR-FWDM-1621-7D-53 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-55 FINISAR-FWDM-1621-7D-55 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

유사한 설명 - FWDM-1619-7D-47

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWLF16197D FINISAR-FWLF16197D Datasheet
552Kb / 10P
   WDM SFP Transceiver with APD Receiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTL-161947 FINISAR-FTL-161947 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1621-47 FINISAR-FTL-1621-47 Datasheet
94Kb / 9P
   Multi-Rate CWDM GBIC Transceiver with APD Receiver
logo
Eudyna Devices Inc
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N142GW EUDYNA-FRM5N142GW Datasheet
339Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com