전자부품 데이터시트 검색엔진 |
|
CAP1005 데이터시트(PDF) 11 Page - SMSC Corporation |
|
CAP1005 데이터시트(HTML) 11 Page - SMSC Corporation |
11 / 53 page 5 and 6 Channel Capacitive Touch Sensor Datasheet SMSC CAP1005 / CAP1006 11 Revision 1.1 (08-05-09) DATASHEET Maximum Base Capacitance CBASE 50 pF Pad untouched Detectable Capacitive Shift ΔC TOUCH 0.1 2 pF Pad touched I/O Pins - SPI_CS#, SPI_MOSI, and ALERT# pins Output Low Voltage VOL 0.4 V ISINK_IO = 4mA Input High Voltage VIH 2.0 V Input Low Voltage VIL 0.8 V Leakage Current ILEAK ±5 uA powered or unpowered TA < 85°C SMDATA / BC_DATA / SPI_MSIO / SPI_MISO and SMCLK / BC_CLK / SPI_CLK pins Output Low Voltage VOL 0.4 V ISINK_IO = 8mA Output High Voltage VOH VDD - 0.4 VISOURCE_IO = 8mA Input High Voltage VIH 2.0 V Input Low Voltage VIL 0.8 V Leakage Current ILEAK ±5 uA powered or unpowered TA < 85°C pull-up voltage < 3.6V SMBus First Communication tSMB 15 ms SMBus Timing (CAP1006-1 only) Input Capacitance CIN 5pF Clock Frequency fSMB 10 400 kHz Spike Suppression tSP 50 ns Bus free time Start to Stop tBUF 1.3 us Setup Time: Start tSU:STA 0.6 us Setup Time: Stop tSU:STP 0.6 us Data Hold Time tHD:DAT 0.6 6 us Data Setup Time tSU:DAT 0.6 72 us Clock Low Period tLOW 1.3 us Clock High Period tHIGH 0.6 us Clock/Data Fall time tFALL 300 ns Min = 20+0.1CLOAD ns Clock/Data Rise time tRISE 300 ns Min = 20+0.1CLOAD ns Table 2.2 Electrical Specifications (continued) VDD = 3V to 3.6V, TA = 0°C to 100°C, all Typical values at TA = 27°C unless otherwise noted. CHARACTERISTIC SYMBOL MIN TYP MAX UNIT CONDITIONS |
유사한 부품 번호 - CAP1005 |
|
유사한 설명 - CAP1005 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |