전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GMA7496L 데이터시트(PDF) 7 Page - Gamma Microelectronics Inc.

부품명 GMA7496L
상세설명  2W2W AMPLIFIER WITH DC VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAMMA [Gamma Microelectronics Inc.]
홈페이지  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMA7496L 데이터시트(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GMA7496L Datasheet HTML 3Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 4Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 5Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 6Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 7Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 8Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 9Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 10Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 11Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
GMA7496L
2W+2W AMPLIFIER WITH DC
VOLUME CONTROL
Turn ON/OFF Sequences (for optimizing the POP performances)
A.
USING MUTE AND STAND-BY FUNCTIONS
B.
USING ONLY THE MUTE FUNCTION
To simplify the application, the stand-by pin can be connected directly to Ground. During the ON/OFF
transitions is recommend to respect the following conditions.
-
At the turn-on, the transition mute-play must be made when the SVR pin is higher than 2.5V
-
At the turn-off, the KGM7496L must be brought to mute from the play condition when the SVR pin is
higher than 2.5V


유사한 부품 번호 - GMA7496L

제조업체부품명데이터시트상세설명
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L Datasheet
190Kb / 11P
   2W2W AMPLIFIER W/ DC VOLUME CONTROL
GMA7496LD20 GAMMA-GMA7496LD20 Datasheet
190Kb / 11P
   2W2W AMPLIFIER W/ DC VOLUME CONTROL
More results

유사한 설명 - GMA7496L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7496L KODENSHI-KKA7496L Datasheet
526Kb / 8P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
First Components Intern...
FC7496L FCI-FC7496L Datasheet
1Mb / 8P
   FC7496L 2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L Datasheet
190Kb / 11P
   2W2W AMPLIFIER W/ DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
MOSA ELECTRONICS
MS6865 MOSA-MS6865 Datasheet
713Kb / 20P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865 MOSA-MS6865_1 Datasheet
767Kb / 22P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6864 MOSA-MS6864_1 Datasheet
696Kb / 21P
   Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com