์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

GMA7496L ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 9 Page - Gamma Microelectronics Inc.

๋ถ€ํ’ˆ๋ช… GMA7496L
์ƒ์„ธ๋‚ด์šฉ  2W2W AMPLIFIER WITH DC VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  GAMMA [Gamma Microelectronics Inc.]
ํ™ˆํŽ˜์ด์ง€  http://www.gammamicro.com.tw/
Logo 

GMA7496L ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 9 Page - Gamma Microelectronics Inc.

 
Zoom Inzoom in Zoom Outzoom out
/ 12 page
 9 / 12 page
background image
9
GMA7496L
2W+2W AMPLIFIER WITH DC
VOLUME CONTROL
OUT L
-
20K
6K
1K
20K
6K
1K
OUTR
30K
30K
VS
VS
VS
100ยตA
SVR
Typical Performance Characteristics (continuous):
St-By Attenuation vs. Vpin 11
Mute Attenuation vs. Vpin 12
Pin Descriptions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn