전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

GMA7496L 데이터시트(HTML) 10 Page - Gamma Microelectronics Inc.

부품명 GMA7496L
상세내용  2W2W AMPLIFIER WITH DC VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GAMMA [Gamma Microelectronics Inc.]
홈페이지  http://www.gammamicro.com.tw/
Logo 

GMA7496L 데이터시트(HTML) 10 Page - Gamma Microelectronics Inc.

 
Zoom Inzoom in Zoom Outzoom out
/ 12 page
 10 / 12 page
background image
10
GMA7496L
2W+2W AMPLIFIER WITH
DC VOLUME CONTROL
PINS: INL, INR
VS
500µA
6K
30K
IN
SVR
PINS: VAROUT-L, VAROUT-R
VS
VAROUT
PINS: VOLUME
VS
10µA
VOL
PINS: MUTE
VS
50µA
MUTE
200
10K
PINS: PW-GND, S-GND
VS
GND
PINS: OUT L, OUT R
OUT L
OUT R
PINS: STBY
VS
10µA
200
65K
STBY
Pin Descriptions (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn