전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28413 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL28413
상세설명  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28413 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL28413 Datasheet HTML 4Page - Intersil Corporation ISL28413 Datasheet HTML 5Page - Intersil Corporation ISL28413 Datasheet HTML 6Page - Intersil Corporation ISL28413 Datasheet HTML 7Page - Intersil Corporation ISL28413 Datasheet HTML 8Page - Intersil Corporation ISL28413 Datasheet HTML 9Page - Intersil Corporation ISL28413 Datasheet HTML 10Page - Intersil Corporation ISL28413 Datasheet HTML 11Page - Intersil Corporation ISL28413 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
FN6728.3
December 22, 2009
FIGURE 13. SMALL SIGNAL TRANSIENT RESPONSE,
VS = ±2.5V
FIGURE 14. LARGE SIGNAL TRANSIENT RESPONSE vs
RL VS = ±0.9V, ±2.5V
FIGURE 15. NEGATIVE OUTPUT OVERLOAD
RESPONSE TIME, VS = ±0.9V, ±2.5V
FIGURE 16. POSITIVE OUTPUT OVERLOAD
RESPONSE TIME, VS = ±0.9V, ±2.5V
FIGURE 17. % OVERSHOOT vs LOAD CAPACITANCE, VS = ±2.5V
Typical Performance Curves V
S = ±2.5V, VCM = 0V, RL = Open, unless otherwise
specified. (Continued)
TIME (ns)
-30
-20
-10
0
10
20
30
0
200
400
600
800 1000 1200 1400 1600 1800 2000
RL = 10k
AV = +1
CL = 15pF
VOUT = 50mVP-P
VS = ±2.5V
-3
-2
-1
0
1
2
3
0
2
4
6
8
10
1214
1618
20
TIME (ms)
RL = 10k
AV = +1
CL = 15pF
VOUT = RAIL
VS = ±0.9V
V
S = ±2.5V
0
12345
6
789
10
TIME (ms)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
INPUT
RL = INF
AV =10
CL = 15pF
Rf = 9.09k, Rg = 1k
OUTPUT @ VS=±0.9V
OUTPUT @ VS = ±2.5V
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
345
67
89
10
TIME (ms)
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
INPUT
RL = INF
AV =10
CL = 15pF
Rf = 9.09k, Rg = 1k
OUTPUT @ VS=±0.9V
OUTPUT @ VS = ±2.5V
CAPACITANCE (pF)
10
100
1k
10k
0
10
20
30
40
50
60
70
80
90
VS = ±2.5V
RL = 10k
AV = 1
VOUT = 50mVP-P
ISL28113, ISL28213, ISL28413


유사한 부품 번호 - ISL28413

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28413 INTERSIL-ISL28413 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28413 INTERSIL-ISL28413 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28413 INTERSIL-ISL28413 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28413 RENESAS-ISL28413 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28413FBZ INTERSIL-ISL28413FBZ Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
More results

유사한 설명 - ISL28413

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com