전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXZR18N50 데이터시트(PDF) 1 Page - IXYS Corporation

부품명 IXZR18N50
상세설명  Z-MOS RF Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXZR18N50 데이터시트(HTML) 1 Page - IXYS Corporation

  IXZR18N50 Datasheet HTML 1Page - IXYS Corporation IXZR18N50 Datasheet HTML 2Page - IXYS Corporation IXZR18N50 Datasheet HTML 3Page - IXYS Corporation IXZR18N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IXZR18N50 & IXZR18N50A/B
Z-MOS RF Power MOSFET
VDSS
=
500 V
ID25
=
19 A
RDS(on)
0.37 Ω
PDC
=
350 W
Symbol
Test Conditions
Maximum Ratings
VDSS
TJ = 25°C to 150°C
500
V
VDGR
TJ = 25°C to 150°C; RGS = 1 MΩ
500
V
VGS
Continuous
±20
V
VGSM
Transient
±30
V
ID25
Tc = 25°C
19
A
IDM
Tc = 25°C, pulse width limited by TJM
95
A
IAR
Tc = 25°C
19
A
EAR
Tc = 25°C
TBD
mJ
dv/dt
IS ≤ IDM, di/dt ≤ 100A/µs, VDD ≤ VDSS,
Tj ≤ 150°C, RG = 0.2Ω
5
V/ns
IS = 0
>200
V/ns
PDC
350
W
PDHS
Tc = 25°C, Derate 4.4W/°C above 25°C
TBD
W
PDAMB
Tc = 25°C
3.0
W
RthJC
TBD
C/W
RthJHS
TBD
C/W
Symbol
Test Conditions
Characteristic Values
min.
typ.
max.
VDSS
VGS = 0 V, ID = 4 ma
500
V
VGS(th)
VDS = VGS, ID = 250µΑ
4.6
V
IGSS
VGS = ±20 VDC, VDS = 0
±100
nA
IDSS
VDS = 0.8VDSS
TJ = 25C
VGS=0
TJ
=125C
50
1
µA
mA
RDS(on)
VGS = 20 V, ID = 0.5ID25
Pulse test, t ≤ 300µS, duty cycle d ≤ 2%
0.37
gfs
VDS = 50 V, ID = 0.5ID25, pulse
test
6.7
S
TJ
-55
+175
°C
TJM
175
°C
Tstg
-55
+ 175
°C
TL
1.6mm(0.063 in) from case for 10
s
300
°C
Weight
3.5
g
(TJ = 25°C unless otherwise specified)
Features
Isolated Substrate
high isolation voltage (>2500V)
excellent thermal transfer
Increased temperature and power
cycling capability
IXYS advanced Z-MOS process
Low gate charge and capacitances
easier to drive
faster switching
Low RDS(on)
Very low insertion inductance (<2nH)
No beryllium oxide (BeO) or other
hazardous materials
Advantages
Optimized for RF and high speed
Easy to mount—no insulators needed
High power density
N-Channel Enhancement Mode Switch Mode RF MOSFET
Low Capacitance Z-MOSTM MOSFET Process
Optimized for RF Operation
Ideal for Class C, D, & E Applications


유사한 부품 번호 - IXZR18N50

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXZR16N60 IXYS-IXZR16N60 Datasheet
169Kb / 4P
   Z-MOS RF Power MOSFET
IXZR16N60A IXYS-IXZR16N60A Datasheet
169Kb / 4P
   Z-MOS RF Power MOSFET
IXZR16N60B IXYS-IXZR16N60B Datasheet
169Kb / 4P
   Z-MOS RF Power MOSFET
More results

유사한 설명 - IXZR18N50

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXZ318N50 IXYS-IXZ318N50 Datasheet
143Kb / 4P
   Z-MOS RF Power MOSFET
IXZR08N120 IXYS-IXZR08N120 Datasheet
165Kb / 4P
   Z-MOS RF Power MOSFET
IXZR16N60 IXYS-IXZR16N60 Datasheet
169Kb / 4P
   Z-MOS RF Power MOSFET
IXZ316N60 IXYS-IXZ316N60 Datasheet
142Kb / 4P
   Z-MOS RF Power MOSFET
IXZ308N120 IXYS-IXZ308N120 Datasheet
149Kb / 3P
   Z-MOS RF Power MOSFET
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
   RF POWER MOS FET
RD15HVF1 MITSUBISHI-RD15HVF1_08 Datasheet
408Kb / 9P
   RF POWER MOS FET Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD06HHF1 MITSUBISHI-RD06HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
RD16HHF1 MITSUBISHI-RD16HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,16W
RD06HVF1 MITSUBISHI-RD06HVF1_08 Datasheet
421Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 175MHz,6W
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com