전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL32277EIRZ 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL32277EIRZ
상세설명  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32277EIRZ 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL32277EIRZ Datasheet HTML 1Page - Intersil Corporation ISL32277EIRZ Datasheet HTML 2Page - Intersil Corporation ISL32277EIRZ Datasheet HTML 3Page - Intersil Corporation ISL32277EIRZ Datasheet HTML 4Page - Intersil Corporation ISL32277EIRZ Datasheet HTML 5Page - Intersil Corporation ISL32277EIRZ Datasheet HTML 6Page - Intersil Corporation ISL32277EIRZ Datasheet HTML 7Page - Intersil Corporation ISL32277EIRZ Datasheet HTML 8Page - Intersil Corporation ISL32277EIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V,
RS-485/RS-422 Receivers
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E,
ISL32277E
These Intersil devices are ±16.5kV IEC61000-4-2 ESD
protected, 3.0V to 5.5V powered, QUAD receivers for
balanced communication using the RS-485 and RS-422
standards. Each receiver has low input currents
(±200μA), so it presents a 1/4 unit load to the RS-485
bus, and allows up to 128 receivers on the bus.
The ISL32173E, ISL32175E, ISL32177E are high data
rate receivers that operate at data rates up to 80Mbps.
Their 8ns maximum propagation delay skew (tolerance)
guarantees excellent part-to-part matching. The
ISL32273E, ISL32275E, ISL32277E are reduced supply
current versions that operate at data rates up to 20Mbps.
Receiver outputs are tri-statable, and incorporate a hot
plug feature to keep them disabled during power up and
down. Versions are available with a common EN/EN (‘173
pinout), a two channel EN12/EN34 (‘175 pinout), or a
versatile individual channel enable (see Table 1)
A 26% smaller footprint is available with the ISL32177E
and ISL32277E QFN packages, and these two devices
also feature a logic supply pin (VL). The VL supply sets
the switching points of the enable inputs, and the
receiver outputs’ VOH, to levels compatible with a lower
supply voltage in mixed voltage systems. Individual
channel and group enable pins increase the ISL32177E
and ISL32277E’s flexibility.
Features
• IEC61000 ESD Protection (RS-485 Inputs) ±16.5kV
- Class 3 ESD on all Other Pins . . . . . .>8kV HBM
• Wide Supply Range. . . . . . . . . . . . . 3.0V to 5.5V
• Wide Common Mode Range . . . . . . . -7V to +12V
• Low Part-to-Part Propagation Delay
Tolerance . . . . . . . . . . . . . . . . . . . ±4ns (max)
• Specified for +125°C Operation
• Fail-Safe Open Rx Inputs
• 1/4 Unit Load Allows 128 Devices on the Bus
• Available in Industry Standard Pinouts (‘173/’175)
and a 4x4 QFN (ISL32X77E) with Added Features
• Logic Supply Pin (VL) Eases Operation in Mixed
Supply Systems (ISL32X77E)
• High Data Rates . . . . . . . . . up to 80M or 20Mbps
• Low Shutdown Supply Current . . . . . . . . . . 60μA
• Tri-statable Rx Outputs
• 5V Tolerant Logic Inputs When VCC = 3.3V
Applications*(see page 19)
• Telecom Equipment
• Motor Controllers/Encoders
• Programmable Logic Controllers
• Industrial/Process Control Networks
ISL32177E Part-to-Part Prop
Delay Variability
ISL3217XE Data Rate and VL
Performance
RECEIVER PROPAGATION DELAY (ns)
VCC = 3.3V, +25°C
# of DEVICES = 270
TIME (4ns/DIV)
1
-1
0
A - B
VCC = 3.3V
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
VL = 2.5V
VL = 1.8V
VL = 1.6V
80Mbps
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
November 19, 2009
FN7529.0


유사한 부품 번호 - ISL32277EIRZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL32277EIRZ RENESAS-ISL32277EIRZ Datasheet
1Mb / 21P
   Telecom equipment
More results

유사한 설명 - ISL32277EIRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com