전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDH11D23HPHF-150MC 데이터시트(PDF) 2 Page - Sumida Corporation

부품명 CDH11D23HPHF-150MC
상세설명  SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH11D23HPHF-150MC 데이터시트(HTML) 2 Page - Sumida Corporation

  CDH11D23HPHF-150MC Datasheet HTML 1Page - Sumida Corporation CDH11D23HPHF-150MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics specification.
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
CDH11D23/HP
CDH11D23/HP
CDH11D23/HP
CDH11D23/HP
※1 Saturation Current: The DC current at which the inductance decreases to 70% of it's nominal value.
※2 Temperature rise current: The DC current at which the temperature rise is △t=40℃(Ta=20℃).
at 20
at 105
CDH11D23HPHF-100MC
100
10±20%
127 (101)
3.65
3.10
2.30
CDH11D23HPHF-150MC
150
15±20%
197 (158)
3.00
2.56
1.80
CDH11D23HPHF-180MC
180
18±20%
214 (171)
2.72
2.32
1.57
CDH11D23HPHF-220MC
220
22±20%
303 (243)
2.48
2.08
1.36
CDH11D23HPHF-330MC
330
33±20%
435 (348)
1.96
1.68
1.14
CDH11D23HPHF-470MC
470
47±20%
658 (526)
1.66
1.42
0.90
CDH11D23HPHF-560MC
560
56±20%
731 (585)
1.54
1.32
0.80
CDH11D23HPHF-680MC
680
68±20%
975 (779)
1.38
1.17
0.73
CDH11D23HPHF-820MC
820
82±20%
1110 (884)
1.26
1.09
0.68
CDH11D23HPHF-101MC
101
100±20%
1210 (1010)
1.18
0.99
0.64
Temperature
Rise Current
(A)
※2
Saturation Current
(A)※1
Stamp
Part Name
Inductance
(µH)
100kHz/1V
D.C.R. (m )
Max.(Typ.)
(20
℃)
California
Chicago
Tel.+1-408-321-9660
FAX. +1-408-321-9308
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+60-3-8733-0900
FAX.+60-3-8737-7384
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
Malaysia
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-27065228
FAX.+886-2-27065229
Tel.+86-755-82910228
FAX.+86-755-82910338
Tel.+86-021-58363299
FAX.+86-021-58363266
Tel.+852-2880-6688
FAX.+852-2565-9600


유사한 부품 번호 - CDH11D23HPHF-150MC

제조업체부품명데이터시트상세설명
logo
Adam Technologies, Inc.
CDH11 ADAM-TECH-CDH11 Datasheet
117Kb / 1P
   .100 LATCHING HEADER & HOUSING
logo
Sumida Corporation
CDH113 SUMIDA-CDH113 Datasheet
127Kb / 2P
   POWER INDUCTORS
CDH113 SUMIDA-CDH113 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDH113NP-100M SUMIDA-CDH113NP-100M Datasheet
164Kb / 2P
   POWER INDUCTORS
CDH113NP-101K SUMIDA-CDH113NP-101K Datasheet
164Kb / 2P
   POWER INDUCTORS
More results

유사한 설명 - CDH11D23HPHF-150MC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com