전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBXDPA019LNHTAG 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 NBXDPA019LNHTAG
상세설명  2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXDPA019LNHTAG 데이터시트(HTML) 6 Page - ON Semiconductor

  NBXDPA019LNHTAG Datasheet HTML 1Page - ON Semiconductor NBXDPA019LNHTAG Datasheet HTML 2Page - ON Semiconductor NBXDPA019LNHTAG Datasheet HTML 3Page - ON Semiconductor NBXDPA019LNHTAG Datasheet HTML 4Page - ON Semiconductor NBXDPA019LNHTAG Datasheet HTML 5Page - ON Semiconductor NBXDPA019LNHTAG Datasheet HTML 6Page - ON Semiconductor NBXDPA019LNHTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NBXDPA019
http://onsemi.com
6
Table 8. RELIABILITY COMPLIANCE
Parameter
Standard
Method
Shock
Mechanical
MIL−STD−833, Method 2002, Condition B
Solderability
Mechanical
MIL−STD−833, Method 2003
Vibration
Mechanical
MIL−STD−833, Method 2007, Condition A
Solvent Resistance
Mechanical
MIL−STD−202, Method 215
Resistance to Soldering Heat
Mechanical
MIL−STD−203, Method 210, Condition I or J
Thermal Shock
Environment
MIL−STD−833, Method 1001, Condition A
Moisture Resistance
Environment
MIL−STD−833, Method 1004
Figure 5. Typical Termination for Output Driver and Device Evaluation
Driver
Device
Receiver
Device
CLK
D
CLK
D
Zo = 50 W
Zo = 50 W
100 W
NBXDPA019
260
217
175
150
Temperature (°C)
temp. 260°C
20 − 40 sec. max.
Time
60180 sec.
3°C/sec. max.
cooling
6°C/sec. max.
60150 sec.
reflow
peak
pre−heat
ramp−up
Figure 6. Recommended Reflow Soldering Profile


유사한 부품 번호 - NBXDPA019LNHTAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBXDPA012 ONSEMI-NBXDPA012 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA012LN1TAG ONSEMI-NBXDPA012LN1TAG Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA012LNHTAG ONSEMI-NBXDPA012LNHTAG Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA017 ONSEMI-NBXDPA017 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 156.25 MHz / 312.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA017LN1TAG ONSEMI-NBXDPA017LN1TAG Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 156.25 MHz / 312.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results

유사한 설명 - NBXDPA019LNHTAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA018 ONSEMI-NBXDPA018 Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA017 ONSEMI-NBXDPA017 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 156.25 MHz / 312.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA012 ONSEMI-NBXDPA012 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA018_0910 ONSEMI-NBXDPA018_0910 Datasheet
135Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXDBA014 ONSEMI-NBXDBA014 Datasheet
100Kb / 6P
   3.3 V, 62.5 MHz / 125 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com