전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBXSBA025LN1TAG 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 NBXSBA025LN1TAG
상세설명  2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBA025LN1TAG 데이터시트(HTML) 1 Page - ON Semiconductor

  NBXSBA025LN1TAG Datasheet HTML 1Page - ON Semiconductor NBXSBA025LN1TAG Datasheet HTML 2Page - ON Semiconductor NBXSBA025LN1TAG Datasheet HTML 3Page - ON Semiconductor NBXSBA025LN1TAG Datasheet HTML 4Page - ON Semiconductor NBXSBA025LN1TAG Datasheet HTML 5Page - ON Semiconductor NBXSBA025LN1TAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 0
1
Publication Order Number:
NBXSBA025/D
NBXSBA025
2.5 V / 3.3 V, 425.00MHz
LVPECL Clock Oscillator
The NBXSBA025, single frequency, crystal oscillator (XO) is
designed to meet today’s requirements for 2.5 V / 3.3 V LVPECL
clock generation applications. The device uses a high Q fundamental
crystal and Phase Lock Loop (PLL) multiplier to provide
425.00 MHz, ultra low jitter and phase noise LVPECL differential
output.
This device is a member of ON Semiconductor’s PureEdge
t clock
family that provides accurate and precision clock solutions.
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1,000 and 100.
Features
LVPECL Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise − 0.5 ps (12 kHz − 20 MHz)
Output Frequency − 425.00 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range: 2.5 V ±5% or 3.3 V ±10%
Total Frequency Stability − $50 PPM
This is a Pb−Free Device
Applications
4x Fiber Channel
Host Bus Adapter
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
NC
OE
CLK CLK
VDD
65
4
12
3
http://onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NBXSBA025LN1TAG CLCC−6
(Pb−Free)
1000/Tape & Reel
MARKING DIAGRAM
NBXSBA025 = NBXSBA025 (±50 PPM)
425.00
= Output Frequency (MHz)
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXSBA025
425.0000
AWLYYWWG
NBXSBA025LNHTAG CLCC−6
(Pb−Free)
100/Tape & Reel


유사한 부품 번호 - NBXSBA025LN1TAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBXSBA025LN1TAG ONSEMI-NBXSBA025LN1TAG Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
More results

유사한 설명 - NBXSBA025LN1TAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA045 ONSEMI-NBXSBA045 Datasheet
125Kb / 6P
   2.5/3.3 V, 345.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXSBA046 ONSEMI-NBXSBA046 Datasheet
126Kb / 6P
   2.5/3.3 V, 172.50 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXHGA019 ONSEMI-NBXHGA019 Datasheet
116Kb / 6P
   2.5/3.3 V, 125.00 MHz LVPECL Clock Oscillator
April, 2010 ??Rev. 0
NBXSBA031 ONSEMI-NBXSBA031 Datasheet
126Kb / 6P
   2.5/3.3 V, 340.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 3
NBXSBA051 ONSEMI-NBXSBA051 Datasheet
263Kb / 6P
   2.5/3.3 V, 533.33 MHz LVPECL Clock Oscillator
July, 2011 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024_11 Datasheet
118Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 4
NBXHGA053 ONSEMI-NBXHGA053 Datasheet
115Kb / 6P
   2.5/3.3 V, 50.00 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com