전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

NP0640SAMCT3G 데이터시트(HTML) 3 Page - ON Semiconductor

부품명 NP0640SAMCT3G
상세내용  50A, Ultra Low Capacitance TSPD
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP0640SAMCT3G 데이터시트(HTML) 3 Page - ON Semiconductor

  NP0640SAMCT3G 데이터시트 HTML 1Page - ON Semiconductor NP0640SAMCT3G 데이터시트 HTML 2Page - ON Semiconductor NP0640SAMCT3G 데이터시트 HTML 3Page - ON Semiconductor NP0640SAMCT3G 데이터시트 HTML 4Page - ON Semiconductor NP0640SAMCT3G 데이터시트 HTML 5Page - ON Semiconductor NP0640SAMCT3G 데이터시트 HTML 6Page - ON Semiconductor NP0640SAMCT3G 데이터시트 HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NP−SAMC Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS TABLE (TA = 25°C unless otherwise noted)
Symbol
Rating
Min
Typ
Max
Unit
V(BO)
Breakover voltage: The maximum voltage across the device in or at the
breakdown region.
VDC = 1000 V, dv/dt = 100 V/ms
NP0640SAMCT3G
$77
V
NP0720SAMCT3G
$88
NP0900SAMCT3G
$98
NP1100SAMCT3G
$130
NP1300SAMCT3G
$160
NP1500SAMCT3G
$180
NP1800SAMCT3G
$220
NP2100SAMCT3G
$240
NP2300SAMCT3G
$260
NP2600SAMCT3G
$300
NP3100SAMCT3G
$350
NP3500SAMCT3G
$400
I(BO)
Breakover Current: The instantaneous current flowing at the breakover voltage.
800
mA
IH
Holding Current: The minimum current required to maintain the device in the on−state.
150
mA
IDRM
Off−state Current: The dc value of current that results from the applica-
tion of the off−state voltage
VD = 50 V
2
mA
VD = VDRM
5
VT
On−state Voltage: The voltage across the device in the on−state condition.
IT = 2.2 A (pk), PW = 300 ms, DC = 2%
4
V
dv/dt
Critical rate of rise of off−state voltage: The maximum rate of rise of voltage (below VDRM) that
will not cause switching from the off−state to the on−state.
Linear Ramp between 0.1 VDRM and 0.9 VDRM
±5
kV/ms
di/dt
Critical rate of rise of on−state current: rated value of the rate of rise of current which the device
can withstand without damage.
±500
A/ms
CO
Off−state Capacitance
f = 1.0 MHz, Vd = 1.0 VRMS, VD = −2 Vdc
NP0640SAMCT3G
18
pF
NP0720SAMCT3G
18
NP0900SAMCT3G
18
NP1100SAMCT3G
18
NP1300SAMCT3G
18
NP1500SAMCT3G
18
NP1800SAMCT3G
18
NP2100SAMCT3G
18
NP2300SAMCT3G
18
NP2600SAMCT3G
18
NP3100SAMCT3G
18
NP3500SAMCT3G
18
THERMAL CHARACTERISTICS
Symbol
Rating
Value
Unit
TSTG
Storage Temperature Range
−65 to +150
°C
TJ
Junction Temperature
−40 to +150
°C
R0JA
Thermal Resistance: Junction−to−Ambient Per EIA/JESD51−3, PCB = FR4 3”x4.5”x0.06”
Fan out in a 3x3 inch pattern, 2 oz copper track.
90
°C/W


Html Pages

1  2  3  4  5  6  7 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn