전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA44B-DGM.VY-S2-PF 데이터시트(PDF) 3 Page - LIGITEK electronics co., ltd.

부품명 LA44B-DGM.VY-S2-PF
상세설명  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA44B-DGM.VY-S2-PF 데이터시트(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA44B-DGM.VY-S2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA44B-DGM.VY-S2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA44B-DGM.VY-S2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA44B-DGM.VY-S2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA44B-DGM.VY-S2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA44B-DGM.VY-S2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA44B-DGM.VY-S2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
Ratings
DGM
mA
mA
30
100
μA
V
50
150
120
mW
Page 2/6
-20~ +80
-30 ~ +100
Min.
Max.
Typ.
36
4.0
1800 3400
Typ.
36
3.5
525
Dominant
wave
length
λDnm
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Symbol
Parameter
IF
IFP
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Ir
ESD
Electrostatic Discharge( * )
Reverse Current @5V
Power Dissipation
PD
Topr
Tstg
Operating Temperature
Storage Temperature
COLOR
Lens
Emitted
Green
LA44B/DGM.VY-S2-PF
InGaN/GaN
PART NO
MATERIAL
Absolute Maximum Ratings at Ta=25
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Peak
wave
length
λPnm
518
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
Green Diffused
30
60
VY
10
2000
75
AlGaInP
Yellow Yellow Diffused
590
20
1.7
2.6
350
550
80
---
LA44B/DGM.VY-S2-PF
PART NO.


유사한 부품 번호 - LA44B-DGM.VY-S2-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA44B-DGM.VY-S2-V0-PF LIGITEK-LA44B-DGM.VY-S2-V0-PF Datasheet
161Kb / 7P
   LED ARRAY
More results

유사한 설명 - LA44B-DGM.VY-S2-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com