전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA62B-3-SRFUG-11-AS-PF 데이터시트(PDF) 3 Page - LIGITEK electronics co., ltd.

부품명 LA62B-3-SRFUG-11-AS-PF
상세설명  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA62B-3-SRFUG-11-AS-PF 데이터시트(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA62B-3-SRFUG-11-AS-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA62B-3-SRFUG-11-AS-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA62B-3-SRFUG-11-AS-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA62B-3-SRFUG-11-AS-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA62B-3-SRFUG-11-AS-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA62B-3-SRFUG-11-AS-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA62B-3-SRFUG-11-AS-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Topr
-40 ~ +85
Operating Temperature
Viewing
angle
2
θ 1/2
(deg)
Dominant
wave
length
λDnm
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
574
630
Green
AlGaInP
LA62B-3/8SRF8UG-8-AS-PF
White Diffused
Red
Emitted
Lens
160
90
2.6
1.7
1.5
20
2.4
220
Min.
Min.
Max.
350
60
Typ.
Typical Electrical & Optical Characteristics (Ta=25
)
MATERIAL
PART NO
COLOR
Luminous
intensity
@20mA(mcd)
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Storage Temperature
Tstg
-40 ~ +100
Page 2/6
25
25
mA
IF
Forward Current
Reverse Current @5V
Electrostatic Discharge( * )
ESD
Ir
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
PD
IFP
2000
10
10
V
μA
65
65
75
75
mW
mA
Absolute Maximum Ratings at Ta=25
Absolute Maximum Ratings
Parameter
Symbol
Red
Green
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
AlGaInP
20
60
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. LA62B-3/8SRF8UG-8-AS-PF


유사한 부품 번호 - LA62B-3-SRFUG-11-AS-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA62B-3-SRFVG-4 LIGITEK-LA62B-3-SRFVG-4 Datasheet
113Kb / 6P
   LED ARRAY
More results

유사한 설명 - LA62B-3-SRFUG-11-AS-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com