전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA79B-1-G.SEG.G.G-S2-PF 데이터시트(PDF) 2 Page - LIGITEK electronics co., ltd.

부품명 LA79B-1-G.SEG.G.G-S2-PF
상세설명  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA79B-1-G.SEG.G.G-S2-PF 데이터시트(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA79B-1-G.SEG.G.G-S2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA79B-1-G.SEG.G.G-S2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA79B-1-G.SEG.G.G-S2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA79B-1-G.SEG.G.G-S2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA79B-1-G.SEG.G.G-S2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA79B-1-G.SEG.G.G-S2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA79B-1-G.SEG.G.G-S2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2.8
±0.5
2.54TYP
8.5
±0.5
6.6
±0.5
4.7
±0.5
2.9
3.3
4.3
3.1
2.54TYP
29.5MIN
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
1.5
MAX
12
+
1
-
2
0.5
TYP
LG2640/S36/H-PF
LG2640/S36/H-PF(1st,3rd,4th)
G
1
2
1 2
+ -
28.5MIN
2
1
G
SE
LSEG2662/S37/H-PF
LSEG2662/S37/H-PF(2nd)
G
SE
1
2
3.5
±0.5
5.08
0.5
TYP
2.5
G
G
1.5
SEG
Package Dimensions
4.4
ψ2.9X4
G
PART NO. LA79B-1/G.SEG.G.G-S2-PF
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
20.3
3.5
±0.5
10.7
2.9
Page 1/6


유사한 부품 번호 - LA79B-1-G.SEG.G.G-S2-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA79B-1-G.SEG.G.G-S20-PF LIGITEK-LA79B-1-G.SEG.G.G-S20-PF Datasheet
127Kb / 7P
   LED ARRAY
More results

유사한 설명 - LA79B-1-G.SEG.G.G-S2-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com