전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA79B-1-YG.Y.YG.Y-S14-PF 데이터시트(PDF) 5 Page - LIGITEK electronics co., ltd.

부품명 LA79B-1-YG.Y.YG.Y-S14-PF
상세설명  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA79B-1-YG.Y.YG.Y-S14-PF 데이터시트(HTML) 5 Page - LIGITEK electronics co., ltd.

  LA79B-1-YG.Y.YG.Y-S14-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA79B-1-YG.Y.YG.Y-S14-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA79B-1-YG.Y.YG.Y-S14-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA79B-1-YG.Y.YG.Y-S14-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA79B-1-YG.Y.YG.Y-S14-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA79B-1-YG.Y.YG.Y-S14-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA79B-1-YG.Y.YG.Y-S14-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.0
500
0.0
0.5
Wavelength (nm)
650
550
600
-40
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
0.8
1.0
0.9
1.1
1.2
0.5
-40
60
Ambient Temperature(
)
40
20
0
-20
100
80
0.0
Ambient Temperature(
)
0
20
40
-20
60
100
80
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
1.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
100
0.1
10
1.0
1000
G CHIP
1.0
0.5
4.0
Forward Voltage(V)
2.0
3.0
5.0
0.0
1.5
1.0
2.0
100
Forward Current(mA)
10
1000
Fig.2 Relative Intensity vs. Forward Current
2.5
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3.5
Page4/6
PART NO. LA79B-1/YG.Y.YG.Y-S14-PF


유사한 부품 번호 - LA79B-1-YG.Y.YG.Y-S14-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA79B-1-YG.Y.YG.Y-S18-PF LIGITEK-LA79B-1-YG.Y.YG.Y-S18-PF Datasheet
126Kb / 7P
   LED ARRAY
More results

유사한 설명 - LA79B-1-YG.Y.YG.Y-S14-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com