전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC58FVB641 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TC58FVB641
상세설명  64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVB641 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TC58FVB641 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2001-09-06
9/53
Auto-Program Mode
The TC58FVT641/B641 can be programmed in either byte or word units. Auto-Program Mode is set using the
Program command. The program address is latched on the falling edge of the WE signal and data is latched
on the rising edge of the fourth Bus Write cycle (with WE control). Auto programming starts on the rising edge
of the WE signal in the fourth Bus Write cycle. The Program and Program Verify commands are automatically
executed by the chip. The device status during programming is indicated by the Hardware Sequence flag. To
read the Hardware Sequence flag, specify the address to which the Write is being performed
.
During Auto Program execution, a command sequence for the bank on which execution is being performed
cannot be accepted. To terminate execution, use a hardware reset. Note that if the Auto-Program operation is
terminated in this manner, the data written so far is invalid.
Any attempt to program a protected block is ignored. In this case the device enters Read Mode 3 µs after the
rising edge of the WE signal in the fourth Bus Write cycle.
If an Auto-Program operation fails, the device remains in the programming state and does not automatically
return to Read Mode. The device status is indicated by the Hardware Sequence flag. Either a Reset command or
a hardware reset is required to return the device to Read Mode after a failure. If a programming operation fails,
the block which contains the address to which data could not be programmed should not be used.
The device allows 0s to be programmed into memory cells which contain a 1. 1s cannot be programmed into
cells which contain 0s. If this is attempted, execution of Auto Program will fail. This is a user error, not a device
error. A cell containing 0 must be erased in order to set it to 1.
Fast Program Mode
Fast Program is a function which enables execution of the command sequence for the Auto Program to be
completed in two cycles. In this mode the first two cycles of the command sequence, which normally requires
four cycles, are omitted. Writing is performed in the remaining two cycles. To execute Fast Program, input the
Fast Program command. Write in this mode uses the Fast Program command but operation is the same at that
for ordinary Auto-Program. The status of the device is indicated by the Hardware Sequence flag and read
operations can be performed as usual. To exit this mode, the Fast Program Reset command must be input.
When the command is input, the device will return to Read Mode.
Acceleration Mode
The TC58FVT641/B641 features Acceleration Mode which allows write time to be reduced. Applying VACC to
WP or ACC automatically sets the device to Acceleration Mode. In Acceleration Mode, Block Protect Mode
changes to Temporary Block Unprotect Mode. Write Mode changes to Fast Program Mode. Modes are switched
by the
/ACC
WP
signal; thus, there is no need for a Temporary Block Unprotect operation or to set or reset Fast
Program Mode. Operation of Write is the same as in Auto-Program Mode. Removing VACC from
/ACC
WP
terminates Acceleration Mode.


유사한 부품 번호 - TC58FVB641

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVB641FT-10 TOSHIBA-TC58FVB641FT-10 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB641FT-70 TOSHIBA-TC58FVB641FT-70 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB641XB-10 TOSHIBA-TC58FVB641XB-10 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB641XB-70 TOSHIBA-TC58FVB641XB-70 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

유사한 설명 - TC58FVB641

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
logo
Winbond
W19B320ATB WINBOND-W19B320ATB Datasheet
491Kb / 53P
   4M 횞 8/2M 횞 16 BITS 3V FLEXIBLE BANK FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
logo
Elpida Memory
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
logo
Winbond
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
   4M 횞 4 BANKS 횞 16 BITS SDRAM
logo
Cypress Semiconductor
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
   64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
logo
Sharp Corporation
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com