전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC58FVB641 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TC58FVB641
상세설명  64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVB641 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TC58FVB641 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 13Page - Toshiba Semiconductor TC58FVB641 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2001-09-06
10/53
Program Suspend/Resume Mode
Program Suspend is used to enable Data Read by suspending the Write operation. The device accepts a
Program Suspend command in Write Mode (including Write operations performed during Erase Suspend) but
ignores the command in other modes. When the command is input, the address of the bank on which Write is
being performed must be specified. After input of the command, the device will enter Program Suspend Read
Mode after tSUSP.
During Program Suspend, Cell Data Read, ID Read and CFI Data Read can be performed. When Data Write
is suspended, the address to which Write was being performed becomes undefined. ID Read and CFI Data Read
are the same as usual.
After completion of Program Suspend input a Program Resume command to return to Write Mode. When
inputting the command, specify the address of the bank on which Write is being performed. If the ID Read or
CFI Data Read functions is being used, abort the function before inputting the Resume command. On receiving
the Resume command, the device returns to Write Mode and resumes outputting the Hardware Sequence flag
for the bank to which data is being written.
Program Suspend can be run in Fast Program Mode or Acceleration Mode. However, note that when running
Program Suspend in Acceleration Mode, VACC must not be released.
Auto Chip Erase Mode
The Auto Chip Erase Mode is set using the Chip Erase command. An Auto Chip Erase operation starts on the
rising edge of WE in the sixth bus cycle. All memory cells are automatically preprogrammed to 0, erased and
verified as erased by the chip. The device status is indicated by the Hardware Sequence flag.
Command input is ignored during an Auto Chip Erase. A hardware reset can interrupt an Auto Chip Erase
operation. If an Auto Chip Erase operation is interrupted, it cannot be completed correctly. Hence an additional
Erase operation must be performed.
Any attempt to erase a protected block is ignored. If all blocks are protected, the Auto Erase operation will not
be executed and the device will enter Read mode 100 µs after the rising edge of the WE signal in the sixth bus
cycle.
If an Auto Chip Erase operation fails, the device will remain in the erasing state and will not return to Read
Mode. The device status is indicated by the Hardware Sequence flag. Either a Reset command or a hardware
reset is required to return the device to Read Mode after a failure.
In this case it cannot be ascertained which block the failure occurred in. Either abandon use of the device
altogether, or perform a Block Erase on each block, identify the failed block, and stop using it. The host
processor must take measures to prevent subsequent use of the failed block.


유사한 부품 번호 - TC58FVB641

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVB641FT-10 TOSHIBA-TC58FVB641FT-10 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB641FT-70 TOSHIBA-TC58FVB641FT-70 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB641XB-10 TOSHIBA-TC58FVB641XB-10 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVB641XB-70 TOSHIBA-TC58FVB641XB-70 Datasheet
603Kb / 53P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

유사한 설명 - TC58FVB641

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
logo
Winbond
W19B320ATB WINBOND-W19B320ATB Datasheet
491Kb / 53P
   4M 횞 8/2M 횞 16 BITS 3V FLEXIBLE BANK FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
logo
Elpida Memory
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
logo
Winbond
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
   4M 횞 4 BANKS 횞 16 BITS SDRAM
logo
Cypress Semiconductor
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
   64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
logo
Sharp Corporation
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com