전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA112B-VY9UG.X-1-PF 데이터시트(PDF) 3 Page - LIGITEK electronics co., ltd.

부품명 LA112B-VY9UG.X-1-PF
상세설명  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA112B-VY9UG.X-1-PF 데이터시트(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA112B-VY9UG.X-1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA112B-VY9UG.X-1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA112B-VY9UG.X-1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA112B-VY9UG.X-1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA112B-VY9UG.X-1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA112B-VY9UG.X-1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA112B-VY9UG.X-1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Yellow
Green
AlGaInP
LA112B/VY9UG.X-1-PF
20
595
574
20
Emitted
Lens
300
50
120
2.6
1.7
38
1.7
2.6
90
50
Min.
Min.
Max.
Typ.
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
-30 ~ +100
Typical Electrical & Optical Characteristics (Ta=25
)
PART NO
MATERIAL
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
COLOR
*
Storage Temperature
Tstg
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
Forward
voltage
@20mA(V)
Absolute Maximum Ratings
-20 ~ +80
Peak Forward Current
Duty 1/10@10KHz
10
Ir
Reverse Current @5V
Electrostatic Discharge( * )
Operating Temperature
2000
ESD
Topr
Power Dissipation
75
PD
IFP
60
Symbol
Forward Current
Parameter
IF
30
VY
Absolute Maximum Ratings at Ta=25
μA
10
V
2000
mW
75
60
mA
30
mA
9UG
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/6
AlGaInP
PART NO. LA112B/VY9UG.X-1-PF
White Diffused


유사한 부품 번호 - LA112B-VY9UG.X-1-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA112B-VY.9SEF-PF LIGITEK-LA112B-VY.9SEF-PF Datasheet
135Kb / 7P
   LED ARRAY
logo
List of Unclassifed Man...
LA112B-VY.VG-4 ETC2-LA112B-VY.VG-4 Datasheet
82Kb / 6P
   LED ARRAY
logo
LIGITEK electronics co....
LA112B-VY.VG-4 LIGITEK-LA112B-VY.VG-4 Datasheet
86Kb / 6P
   LED ARRAY
LA112B-VY.X-5-PF LIGITEK-LA112B-VY.X-5-PF Datasheet
108Kb / 6P
   LED ARRAY
LA112B-VY.X-PF LIGITEK-LA112B-VY.X-PF Datasheet
130Kb / 6P
   LED ARRAY
More results

유사한 설명 - LA112B-VY9UG.X-1-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com