전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA118B-260-I 데이터시트(PDF) 2 Page - LIGITEK electronics co., ltd.

부품명 LA118B-260-I
상세설명  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA118B-260-I 데이터시트(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA118B-260-I Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA118B-260-I Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA118B-260-I Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA118B-260-I Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA118B-260-I Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA118B-260-I Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Note : 1.All dimension are in millimeter tolerance is ±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LG2640/S63
1/5
LA118B/260-I
Page
PART NO.
Package Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LG2640-1
2.9 3.1
0.5
TYP
25.0MIN
2.54TYP 1.0MIN
3.3 4.3
1
2
Y
G
1
2
32±0.5
□0.5
TYP
-
+
2.54TYP
4.3
3.3
1.5MAX
3.1
2.9
4fd
21.2
0.5TYP
3.3±0.3
-
+
12
-
+
12
14.02±0.5
11.48±0.5
8.94±0.5
6.4±0.5
3rd
2nd
1st
5.08
8.81
4.5
17.1
+0.15
-0.3
1st are LG2640/S63
2nd and 4fd are LYG2662
3rd are LG2640-1
0.8
LYG2662
25.0MIN
3.1
2.9
□0.5
TYP
2.54TYP
1.0MIN
1.5MAX
4.3
3.3
+-


유사한 부품 번호 - LA118B-260-I

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA118B-260-I-PF LIGITEK-LA118B-260-I-PF Datasheet
125Kb / 7P
   LED ARRAY
More results

유사한 설명 - LA118B-260-I

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com