전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2907A 데이터시트(PDF) 1 Page - Comset Semiconductor

부품명 2N2907A
상세설명  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMSET [Comset Semiconductor]
홈페이지  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2907A 데이터시트(HTML) 1 Page - Comset Semiconductor

  2N2907A Datasheet HTML 1Page - Comset Semiconductor 2N2907A Datasheet HTML 2Page - Comset Semiconductor 2N2907A Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP 2N2907 – 2N2907A
NPN 2N2222 – 2N2222A
COMSET SEMICONDUCTORS
1/3
The 2N2907 and 2N2907aA are PNP transistors mounted in TO-18 metal package with the collector
connected to the case .
They are primarily intended for high speed switching.
NPN complements are 2N2222 and 2N2222A .
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N2907A
-60
VCEO
Collector-Emitter Voltage
2N2907
-40
V
2N2907A
-60
VCBO
Collector-Base Voltage
2N2907
-60
V
2N2907A
-5
VEBO
Emitter-Base Voltage
2N2907
-5
V
2N2907A
IC
Collector Current
2N2907
-600
mA
2N2907A
PD
Total Power Dissipation
@ Tamb = 25°
2N2907
0.4
Watts
2N2907A
PD
Total Power Dissipation
@ Tcase= 25°
2N2907
1.8
Watts
2N2907A
TJ
Junction Temperature
2N2907
200
°C
2N2907A
TStg
Storage Temperature range
2N2907
-65 to +200
°C
(1) Applicable up to IC = 500mA
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
2N2907A
RthJ-a
Thermal Resistance, Junction to ambient in
free air
2N2907
350
K/W
2N2907A
RthJ-c
Thermal Resistance, Junction to case
2N2907
146
K/W
S
SIIL
LIIC
CO
ON
N P
PL
LA
AN
NA
AR
R E
EP
PIIT
TA
AX
XIIA
AL
L T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


유사한 부품 번호 - 2N2907A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
2N2907A PHILIPS-2N2907A Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
logo
Nanjing International G...
2N2907A DGNJDZ-2N2907A Datasheet
870Kb / 5P
   T0-92 Plastic-Encapsulate Transistors
logo
STMicroelectronics
2N2907A STMICROELECTRONICS-2N2907A Datasheet
741Kb / 7P
   SMALL SIGNAL PNP TRANSISTORS
logo
Central Semiconductor C...
2N2907A CENTRAL-2N2907A Datasheet
531Kb / 2P
   PNP SILICON TRANSISTOR
logo
Seme LAB
2N2907A SEME-LAB-2N2907A Datasheet
15Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
More results

유사한 설명 - 2N2907A

제조업체부품명데이터시트상세설명
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com