전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3792 데이터시트(PDF) 1 Page - Comset Semiconductor

부품명 2N3792
상세설명  EPITAXIAL-BASE NPN - PNP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMSET [Comset Semiconductor]
홈페이지  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3792 데이터시트(HTML) 1 Page - Comset Semiconductor

  2N3792 Datasheet HTML 1Page - Comset Semiconductor 2N3792 Datasheet HTML 2Page - Comset Semiconductor 2N3792 Datasheet HTML 3Page - Comset Semiconductor 2N3792 Datasheet HTML 4Page - Comset Semiconductor 2N3792 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMSET SEMICONDUCTORS
1/5
2N3713/2N3714/2N3715/2N3716 - NPN
2N3789/2N3790/2N3791/2N3792 - PNP
The 2N3713, 2N3714, 2N3715 and 2N3716 are silicon epitaxial-base NPN
power transistor in Jedec TO-3 metal case. They are inteded for use in power
linear and switching applications. The complementary PNP
types are 2N3789, 2N3790, 2N3791 and 2N3792 respectively.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N3789
2N3791
2N3713
2N3715
80
VCBO
Collector-BaseVoltage
IE = 0
2N3790
2N3792
2N3714
2N3716
100
V
2N3789
2N3791
2N3713
2N3715
60
VCEO
Collector-Emitter Voltage
IB = 0
2N3790
2N3792
2N3714
2N3716
80
V
VEBO
Emitter-Base Voltage
IC = 0
2N3789
2N3790
2N3791
2N3792
2N3713
2N3714
2N3715
2N3716
7.0
V
EPITAXIAL-BASE NPN - PNP


유사한 부품 번호 - 2N3792

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
2N3792 MOSPEC-2N3792 Datasheet
116Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
Savantic, Inc.
2N3792 SAVANTIC-2N3792 Datasheet
113Kb / 3P
   Silicon PNP Power Transistors
logo
Seme LAB
2N3792 SEME-LAB-2N3792 Datasheet
15Kb / 2P
   PNP SILICON EPITAXIAL BASE POWER TANSISTORS
logo
Central Semiconductor C...
2N3792 CENTRAL-2N3792 Datasheet
494Kb / 2P
   SILICON PNP POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3792 BOCA-2N3792 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
More results

유사한 설명 - 2N3792

제조업체부품명데이터시트상세설명
logo
General Semiconductor
BD201 GE-BD201 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
List of Unclassifed Man...
BDX53 ETC-BDX53 Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
Comset Semiconductor
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Comset Semiconductor
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX18 COMSET-BDX18_12 Datasheet
79Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
2N4901 COMSET-2N4901_12 Datasheet
84Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
Seme LAB
BDX14AA SEME-LAB-BDX14AA Datasheet
15Kb / 2P
   PNP SILICON TRANSISTOR, EPITAXIAL BASE
logo
Comset Semiconductor
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com