전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZOLED043A-T 데이터시트(PDF) 11 Page - AZ Displays

부품명 AZOLED043A-T
상세설명  SPECIFICATIONS FOR OLED DISPLAY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZDISPLAYS [AZ Displays]
홈페이지  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AZOLED043A-T 데이터시트(HTML) 11 Page - AZ Displays

Back Button AZOLED043A-T Datasheet HTML 7Page - AZ Displays AZOLED043A-T Datasheet HTML 8Page - AZ Displays AZOLED043A-T Datasheet HTML 9Page - AZ Displays AZOLED043A-T Datasheet HTML 10Page - AZ Displays AZOLED043A-T Datasheet HTML 11Page - AZ Displays AZOLED043A-T Datasheet HTML 12Page - AZ Displays AZOLED043A-T Datasheet HTML 13Page - AZ Displays AZOLED043A-T Datasheet HTML 14Page - AZ Displays AZOLED043A-T Datasheet HTML 15Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
VDC_ENB=1, VDDD is input. (Input range = 1.6V~2.75V)
32
VCC
P
A power supply for the Digital circuit. (1.5V~3.6V)
33
VSSD
P
Digital ground pin. It must connect to external ground.
34
NRESET
I
Reset pin. Setting either pin low initializes the LSI. Must be reset after power
is supplied. (Normally pull high)
35
NCS
I
Serial Interface chip enable pin. (Normally pull high)
36
SCL
I
Serial Interface clock input pin. (Normally pull high)
37
SDA
I
Serial Interface data line. (Normally pull high)
38
DE
I
Data enable:
When VSYNC+HSYNC+DE mode,
DE=H: Data enable, DE=L: Data disable (Black). (Normally pull low)
39
VSYNC
I
Frame synchronizing signal.
If VSPL=0: Active low.
If VSPL=1: Active high.
40
HSYNC
I
Line synchronizing signal.
If HSPL=0: Active low.
If HSPL=1: Active high.
41
DCLK
I
Dot clock signal. If DPL=0: Data are input on the rising edge of DOTCLK. If
DPL=1: Data are input on the falling edge of DOTCLK.
42
D27
43
D26
44
D25
45
D24
46
D23
47
D22
48
D21
49
D20
50
D17
51
D16
52
D15
53
D14
54
D13
55
D12
56
D11
57
D10
58
D07
59
D06
60
D05
61
D04
62
D03
63
D02
I
Digital data input. DX0 is LSB and DX7 is MSB. (Normally pull low)
1. If parallel RGB input mode is used, D0X, D1X, and D2X indicate R, G, and
B data in turn.
2. If serial RGB or RGBD or CCIR601 or CCIR656 input mode is selected,
only D07~D00 are used, and others short to GND. DX7~DX0 has 8-bit
width, respectively to compose 16,777,216 color and 256 gray scale of 1
pixel.
AZ DISPLAYS, INC.
PAGE 11 OF 25


유사한 부품 번호 - AZOLED043A-T

제조업체부품명데이터시트상세설명
logo
AZ Displays
AZOLED034A AZDISPLAYS-AZOLED034A Datasheet
7Mb / 23P
   SPECIFICATIONS FOR OLED DISPLAY
AZOLED034A-T AZDISPLAYS-AZOLED034A-T Datasheet
7Mb / 23P
   SPECIFICATIONS FOR OLED DISPLAY
More results

유사한 설명 - AZOLED043A-T

제조업체부품명데이터시트상세설명
logo
AZ Displays
AZOLED034A AZDISPLAYS-AZOLED034A Datasheet
7Mb / 23P
   SPECIFICATIONS FOR OLED DISPLAY
logo
Newhaven Display Intern...
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
   OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
   OLED Display Module
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
   OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
   OLED Display Module
logo
Crystalfontz America, I...
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
   OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
   OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
   OLED DISPLAY MODULE
logo
Newhaven Display Intern...
NHD-0216SZW-BG5 NEWHAVEN-NHD-0216SZW-BG5 Datasheet
558Kb / 21P
   OLED Display Module
NHD-0216SZW-BY5 NEWHAVEN-NHD-0216SZW-BY5 Datasheet
558Kb / 21P
   OLED Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com