전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD142 데이터시트(PDF) 1 Page - Comset Semiconductor

부품명 BD142
상세설명  NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMSET [Comset Semiconductor]
홈페이지  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD142 데이터시트(HTML) 1 Page - Comset Semiconductor

  BD142 Datasheet HTML 1Page - Comset Semiconductor BD142 Datasheet HTML 2Page - Comset Semiconductor BD142 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMSET SEMICONDUCTORS
1/3
LF Large Signal Power Amplification
Low Saturation Voltage
High Dissipation Rating
Intended for a wide variety of intermediate-power applications.
It is especially suited for use in audio and inverter circuits at 12 volts.
NPN SILICON TRANSISTOR
POWER LINERAR AND SWITCHING
APPLICATIONS
BD142
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
45
V
VCBO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
7
V
VCEX
Collector-Emitter Voltage
VBE=-1.5 V
50
V
IC
Collector Current
15
A
IB
Base Current
7
A
PT
Power Dissipation
@ TC = 25°
117
Watts
TJ
Junction Temperature
TS
Storage Temperature
-65 to +200
°C


유사한 부품 번호 - BD142

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BD142 ETC-BD142 Datasheet
132Kb / 3P
   NPN Silicon Transistor Power Linerar and Switching Applications
logo
Savantic, Inc.
BD142 SAVANTIC-BD142 Datasheet
108Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD142 ISC-BD142 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BD142 COMSET-BD142 Datasheet
75Kb / 2P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Savantic, Inc.
BD142 SAVANTIC-BD142 Datasheet
109Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - BD142

제조업체부품명데이터시트상세설명
logo
Comset Semiconductor
BD181 COMSET-BD181_12 Datasheet
78Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
List of Unclassifed Man...
BD183 ETC1-BD183 Datasheet
144Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Comset Semiconductor
BD181 COMSET-BD181 Datasheet
150Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD142 COMSET-BD142_12 Datasheet
75Kb / 2P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
List of Unclassifed Man...
BD142 ETC-BD142 Datasheet
132Kb / 3P
   NPN Silicon Transistor Power Linerar and Switching Applications
logo
Comset Semiconductor
BD130 COMSET-BD130 Datasheet
156Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
NTE Electronics
NTE2333 NTE-NTE2333 Datasheet
29Kb / 3P
   Silicon NPN Power Transistor for Switching Power Applications
logo
Fairchild Semiconductor
BCX20 FAIRCHILD-BCX20 Datasheet
78Kb / 3P
   NPN Epitaxial Silicon Transistor Switching and Amplifier Applications
logo
Wing Shing Computer Com...
BUT11 WINGS-BUT11 Datasheet
22Kb / 1P
   NPN SILICON TRANSISTOR(HIGH VOLTAGE POWER SWITCHING APPLICATIONS)
2SC5416LS WINGS-2SC5416LS Datasheet
65Kb / 1P
   NPN SILICON TRANSISTOR(HIGH VOLTAGE POWER SWITCHING APPLICATIONS)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com