전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BDX34A 데이터시트(PDF) 2 Page - Comset Semiconductor

부품명 BDX34A
상세설명  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMSET [Comset Semiconductor]
홈페이지  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX34A 데이터시트(HTML) 2 Page - Comset Semiconductor

  BDX34A Datasheet HTML 1Page - Comset Semiconductor BDX34A Datasheet HTML 2Page - Comset Semiconductor BDX34A Datasheet HTML 3Page - Comset Semiconductor BDX34A Datasheet HTML 4Page - Comset Semiconductor BDX34A Datasheet HTML 5Page - Comset Semiconductor BDX34A Datasheet HTML 6Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NPN BDX33 – BDX33A – BDX33B – BDX33C
PNP BDX34 – BDX34A – BDX34B – BDX34C
COMSET SEMICONDUCTORS
2/6
Symbol
Ratings
Value
Unit
BDX33
BDX33A
BDX33B
BDX33C
BDX34
BDX34A
BDX34B
IC(RMS)
BDX34C
10
BDX33
BDX33A
BDX33B
BDX33C
BDX34
BDX34A
BDX34B
IC
Collector Current
ICM
BDX34C
15
A
BDX33
BDX33A
BDX33B
BDX33C
BDX34
BDX34A
BDX34B
IB
Base Current
BDX34C
0.25
A
BDX33
BDX33A
BDX33B
BDX33C
BDX34
BDX34A
BDX34B
PT
Power Dissipation
@ TC = 25°
BDX34C
70
Watts
W/°C
BDX33
BDX33A
BDX33B
TJ
Junction Temperature
BDX33C
BDX34
BDX34A
BDX34B
TS
Storage Temperature
BDX34C
-65 to +150
°C


유사한 부품 번호 - BDX34A

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
BDX34A MOSPEC-BDX34A Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
logo
New Jersey Semi-Conduct...
BDX34A NJSEMI-BDX34A Datasheet
121Kb / 2P
   Silicon PNP Darlington Power Transistor
logo
Power Innovations Ltd
BDX34A POINN-BDX34A Datasheet
91Kb / 7P
   Transistor de puissance PNP darlington
logo
New Jersey Semi-Conduct...
BDX34A NJSEMI-BDX34A Datasheet
166Kb / 2P
   DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
BDX34A POINN-BDX34A Datasheet
166Kb / 7P
   PNP SILICON POWER DARLINGTONS
More results

유사한 설명 - BDX34A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com