전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD035OX4 데이터시트(PDF) 11 Page - AZ Displays

부품명 PD035OX4
상세설명  TECHNICAL SPECIFICATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZDISPLAYS [AZ Displays]
홈페이지  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX4 데이터시트(HTML) 11 Page - AZ Displays

Back Button PD035OX4 Datasheet HTML 7Page - AZ Displays PD035OX4 Datasheet HTML 8Page - AZ Displays PD035OX4 Datasheet HTML 9Page - AZ Displays PD035OX4 Datasheet HTML 10Page - AZ Displays PD035OX4 Datasheet HTML 11Page - AZ Displays PD035OX4 Datasheet HTML 12Page - AZ Displays PD035OX4 Datasheet HTML 13Page - AZ Displays PD035OX4 Datasheet HTML 14Page - AZ Displays PD035OX4 Datasheet HTML 15Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
PD035OX4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:11
HS-DEN time
THE
108
204
264
TOSC
DEN pulse width
TEP
-
960
-
TOSC
VS period
-
262
-
TH
Note 7-4 : When SYNC mode is used, 1
st data start from 204th CLK after HS fallings.
7.4.2 Parallel 24 bits RGB interface
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Remark
CLK period
TOSC
-
156
-
ns
Note 7-5
Data setup time
TSU
12
-
-
ns
Data hold time
THD
12
-
-
ns
HS period
TH
-
408
-
TOSC
HS pulse width
THS
5
30
-
TOSC
HS rising time
TCr
-
-
700
ns
HS falling time
TCf
-
-
300
ns
VS pulse width
TVS
1
3
5
TH
VS rising time
TVr
-
-
700
ns
VS falling time
TVf
-
-
1.5
us
HS falling to VS falling time for
odd field
THVO
0
3
-
TOSC
VS falling to HS falling time for
even field
THVE
0
3
-
TOSC
VS-DEN time
TVSE
-
18
-
TH
HS-DEN time
THE
36
68
88
TOSC
DEN pulse width
TEP
-
320
-
TOSC
VS period
-
262
-
TH
Note 7-5 : When SYNC mode is used, 1
st data start from 68th CLK after HS fallings.
7.4.3 CCIR601/656 Interface
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Remark
CLK period
TOSC
-
37
-
ns
Data setup time
TSU
12
-
-
ns
Data hold time
THD
12
-
-
ns
7.4.4 Hardware reset timing
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Remark
RESETB low pulse width
TRSB
200
-
-
ns
P-511-295(V:2)


유사한 부품 번호 - PD035OX4

제조업체부품명데이터시트상세설명
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
608Kb / 33P
   This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
More results

유사한 설명 - PD035OX4

제조업체부품명데이터시트상세설명
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com