전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD057VU5 데이터시트(PDF) 10 Page - AZ Displays

부품명 PD057VU5
상세설명  TECHNICAL SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZDISPLAYS [AZ Displays]
홈페이지  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VU5 데이터시트(HTML) 10 Page - AZ Displays

Back Button PD057VU5 Datasheet HTML 6Page - AZ Displays PD057VU5 Datasheet HTML 7Page - AZ Displays PD057VU5 Datasheet HTML 8Page - AZ Displays PD057VU5 Datasheet HTML 9Page - AZ Displays PD057VU5 Datasheet HTML 10Page - AZ Displays PD057VU5 Datasheet HTML 11Page - AZ Displays PD057VU5 Datasheet HTML 12Page - AZ Displays PD057VU5 Datasheet HTML 13Page - AZ Displays PD057VU5 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PD057VU5
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:10
10. Interface Timing
10-1) Timing Parameters
AC Electrical Characteristics (VCC =+3.3V,GND=0V,Ta=25
)
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Remark
-
25.18
28.33
MHz
V/Q=H
Frequency
1/Tc
-
6.3
7.0
MHz
V/Q=L
Clock
Duty ratio
Tch/Tc
40
50
60
%
V/Q=L
Set up time
Tds
5
-
-
Data
Hold time
Tdh
10
-
-
ns
30.0
31.8
-
us
TH
700
800
900
clock
V/Q=H
50.0
63.6
-
us
Cycle
TH
360
400
450
clock
V/Q=L
Horizontal
sync. signal
Pulse width
THp
2
96
200
clock
TV
515
525
560
V/Q=H
Cycle
TV
251
262
280
line
V/Q=L
Vertical sync.
signal
Pulse width
TVp
2
-
34
line
Horizontal display period
THd
320
Clock
Hsync.-Clock phase difference
THc
10
-
Tc-10
ns
Hsync.-Vsync. phase difference
TVh
0
-
TH-THp
ns
34
V/Q=H
Vertical sync. signal start
position
TVs
7
line
V/Q=L
Note10-1
In case of lower frequency, the deterioration of the display quality, flicker etc.,
may occur.
Parameter
symbol
Min.
Typ
Max
Unit
Remark
Set up time
Tes
5
-
Tc-10
ns
Enable
signal
Pulse width
Tep
2
320
TH-10
clock
44
-
TH-664
V/Q=H
Hsync-Enable signal
phase difference
The
2
-
TH-340
clock
V/Q=L
Note10-2
When ENAB is fixed at “V/Q=Low”, the display starts from the data of C52 (clock).
When ENAB is fixed at “V/Q=High”, the display starts from the data of C104 (clock).
P-511-407(V:4)


유사한 부품 번호 - PD057VU5

제조업체부품명데이터시트상세설명
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU4_V5 AZDISPLAYS-PD057VU4_V5 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU7 AZDISPLAYS-PD057VU7 Datasheet
904Kb / 20P
   TECHNICAL SPECIFICATION
More results

유사한 설명 - PD057VU5

제조업체부품명데이터시트상세설명
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com