전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZP52SG 데이터시트(PDF) 8 Page - Arizona Microtek, Inc

부품명 AZP52SG
상세설명  Low Phase Noise Sine Wave to LVPECL Buffer/Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZM [Arizona Microtek, Inc]
홈페이지  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP52SG 데이터시트(HTML) 8 Page - Arizona Microtek, Inc

  AZP52SG Datasheet HTML 1Page - Arizona Microtek, Inc AZP52SG Datasheet HTML 2Page - Arizona Microtek, Inc AZP52SG Datasheet HTML 3Page - Arizona Microtek, Inc AZP52SG Datasheet HTML 4Page - Arizona Microtek, Inc AZP52SG Datasheet HTML 5Page - Arizona Microtek, Inc AZP52SG Datasheet HTML 6Page - Arizona Microtek, Inc AZP52SG Datasheet HTML 7Page - Arizona Microtek, Inc AZP52SG Datasheet HTML 8Page - Arizona Microtek, Inc AZP52SG Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AZP51
AZP52
AZP53
AZP54
December 2009 * REV - 2
www.azmicrotek.com
8
4. The footlength measuring is based on the
gauge plane method.
down for trim/form, ie. reverse trim/form.
3. Die is facing up for mold. Die is facing
2. Package surface to be matte finish VDI 11~13.
Y14.5M, 1982.
1. Dimensions and tolerances are as per ANSI
0.500(MAX)
0.350(MIN)
(6 PLCS)
2.90±0.100
L
C
L
C
TYP.
0.950
TYP.
0.950
NOTE:
5
0.15(MAX)
0.05(MIN)
SEATING PLANE
Gauge Plane
0.20 BSC
0°~3°
0.45
±0.10
(2 plcs)
10° TYP.
(2 plcs)
10° TYP.
10° TYP.
(2 plcs)
(2 plcs)
10° TYP.
0.127
5
6. Dimension are exclusive of solder plating.
5. Dimension are exclusive of mold flash and gate burr.
PACKAGE DIAGRAM
V – SOT-23 6L


유사한 부품 번호 - AZP52SG

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZP52SG AZM-AZP52SG Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52SG AZM-AZP52SG Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
More results

유사한 설명 - AZP52SG

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZP54 AZM-AZP54 Datasheet
500Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52 Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP63 AZM-AZP63 Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52_13 Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP63 AZM-AZP63_13 Datasheet
519Kb / 12P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53_13 Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
   Low Phase Noise Sine Wave/CMOS
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS_17 Datasheet
329Kb / 3P
   Sine Wave Output 10 to 120MHz Low phase noise
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com