전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7291BCPZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7291BCPZ
상세설명  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7291BCPZ 데이터시트(HTML) 4 Page - Analog Devices

  AD7291BCPZ Datasheet HTML 1Page - Analog Devices AD7291BCPZ Datasheet HTML 2Page - Analog Devices AD7291BCPZ Datasheet HTML 3Page - Analog Devices AD7291BCPZ Datasheet HTML 4Page - Analog Devices AD7291BCPZ Datasheet HTML 5Page - Analog Devices AD7291BCPZ Datasheet HTML 6Page - Analog Devices AD7291BCPZ Datasheet HTML 7Page - Analog Devices AD7291BCPZ Datasheet HTML 8Page - Analog Devices AD7291BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD7291
Preliminary Technical Data
Rev. PrC | Page 4 of 21
I2C TIMING SPECIFICATIONS
t6
t7
t2
t11
t4
t1
t12
t10
t5
t9
t6
t3
t8
SCL
S
SDA
S = START CONDITION
P = STOP CONDITION
P
P
S
Figure 2. 2-Wire Serial Interface Timing Diagram
All values were measured with the input filtering enabled. CB refers to the capacitive load on the bus line, with tr and tf measured between
0.3 VDRIVE and 0.7 VDRIVE (see Figure 2) Unless otherwise noted, VDD = 2.8V to 3.6V; VDRIVE = 1.65 V to 3.6 V; VREF = 2.5 V internal/external;
TA = −40°C to + 125°C, unless otherwise noted.
Table 3.
Limit at t
MIN, tMAX
Parameter
Conditions
Min
Typ
Max
Unit
Description
fSCL
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
t1
Standard mode
4
µs
tHIGH, SCL high time
Fast mode
0.6
µs
t2
Standard mode
4.7
µs
tLOW, SCL low time
Fast mode
1.3
µs
t3
Standard mode
250
ns
tSU;DAT, data setup time
Fast mode
100
ns
t41
Standard mode
0
3.45
µs
tHD;DAT, data hold time
Fast mode
0
0.9
µs
t5
Standard mode
4.7
µs
tSU;STA, setup time for a repeated start condition
Fast mode
0.6
µs
t6
Standard mode
4
µs
tHD;STA, hold time for a repeated start condition
Fast mode
0.6
µs
t7
Standard mode
4.7
µs
tBUF, bus-free time between a stop and a start condition
Fast mode
1.3
µs
t8
Standard mode
4
µs
tSU;STO, setup time for a stop condition
Fast mode
0.6
µs
t9
Standard mode
1000
ns
tRDA, rise time of the SDA signal
Fast mode
20 + 0.1 CB
300
ns
t10
Standard mode
300
ns
tFDA, fall time of the SDA signal
Fast mode
20 + 0.1 CB
300
ns
t11
Standard mode
1000
ns
tRCL, rise time of the SCL signal
Fast mode
20 + 0.1 CB
300
ns
t11A
Standard mode
1000
ns
tRCL1, rise time of the SCL signal after a repeated
Fast mode
20 + 0.1 CB
300
ns
start condition and after an acknowledge bit
t12
Standard mode
300
ns
tFCL, fall time of the SCL signal
Fast mode
20 + 0.1 CB
300
ns
tSP
Fast mode
0
50
ns
Pulse width of the suppressed spike
tPOWER-UP
0.6
µs
Power-up and acquisition time
1 A device must provide a data hold time for SDA in order to bridge the undefined region of the SCL falling edge.


유사한 부품 번호 - AD7291BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7291BCPZ AD-AD7291BCPZ Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291BCPZ AD-AD7291BCPZ Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291BCPZ AD-AD7291BCPZ Datasheet
572Kb / 29P
   Temperature Sensor
AD7291BCPZ-RL7 AD-AD7291BCPZ-RL7 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291BCPZ-RL7 AD-AD7291BCPZ-RL7 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
More results

유사한 설명 - AD7291BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com