전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7291BCPZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7291BCPZ
상세설명  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7291BCPZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7291BCPZ Datasheet HTML 5Page - Analog Devices AD7291BCPZ Datasheet HTML 6Page - Analog Devices AD7291BCPZ Datasheet HTML 7Page - Analog Devices AD7291BCPZ Datasheet HTML 8Page - Analog Devices AD7291BCPZ Datasheet HTML 9Page - Analog Devices AD7291BCPZ Datasheet HTML 10Page - Analog Devices AD7291BCPZ Datasheet HTML 11Page - Analog Devices AD7291BCPZ Datasheet HTML 12Page - Analog Devices AD7291BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Preliminary Technical Data
AD7291
Rev. PrC | Page 9 of 21
Table 6. Temperature Data Format
Temperature (°C)
Digital Output
−40
1111 0110 0000
−25
1111 1001 1100
−10
1111 1101 1000
−0.25
1111 1111 1111
0
0000 0000 0000
+0.25
0000 0000 0001
+10
0000 0010 1000
+25
0000 0110 0100
+50
0000 1100 1000
+75
0001 0010 1100
+100
0001 1001 0000
+105
0001 1010 0100
+125
0001 1111 0100
Temperature Conversion Formula:
Positive Temperature = ADC Code/4
Negative Temperature = (4096 - ADC Code)/4
VDRIVE
The AD7291 also has the VDRIVE feature. VDRIVE controls the volt-
age at which the serial interface operates. VDRIVE allows the ADC
to easily interface to both a 1.8V and 3V processors. For
example, if the AD7291 were operated with an VDD of 3.3V, the
VDRIVE pin could be powered from a 1.8V supply. This enables
the AD7291 to operate with a larger dynamic range with an VDD
of 3.3V while still being able to interface to 1.8V processors.
Take care to ensure VDRIVE does not exceed VDD by more than
0.3V (see the Maximum Ratings Section).
THE REFERENCE
The AD7291 can operate with either the internal 2.5V on-chip
reference or an externally applied reference. The EXT_REF bit
in the Command Register is used to determine whether the
internal reference is used. If the EXT_REF bit is selected in the
command register, an external reference can be supplied
through the VREF pin. On power-up, the internal reference is
enabled. Suitable external reference sources for the AD7291
include AD780, AD1582, ADR431, REF193, and ADR391.
The internal reference circuitry consists of a 2.5V band-gap
reference and a reference buffer. When the AD7291 is operated
in internal reference mode, the 2.5V internal reference is avail-
able at the VREF pin, which should be decoupled to GND using a
10 μF capacitor. It is recommended that the internal reference be
buffered before applying it elsewhere in the system. The internal
reference is capable of sourcing up to TBD μA of current when
the converter is static. The reference buffer requires 10ms to
power up and charge the TBD μF decoupling capacitor during
the power-up time.
RESET
The AD7291 includes a reset feature, which can be used to reset
the device and the content of all internal registers including the
control register to their default state. To activate the reset
operation, the PD pin should be brought low for a minimum of
TBD ns and a maximum of 100ns and is asynchronous to the
clock, hence it can be triggered at any time. If the PD pin is held
low for greater than 100ns the part will enter full power-down
mode. It is imperative that the PD pin be held at a stable logic
level at all times to ensure normal operation.


유사한 부품 번호 - AD7291BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7291BCPZ AD-AD7291BCPZ Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291BCPZ AD-AD7291BCPZ Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291BCPZ AD-AD7291BCPZ Datasheet
572Kb / 29P
   Temperature Sensor
AD7291BCPZ-RL7 AD-AD7291BCPZ-RL7 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291BCPZ-RL7 AD-AD7291BCPZ-RL7 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
More results

유사한 설명 - AD7291BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com