전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZP92 데이터시트(PDF) 1 Page - Arizona Microtek, Inc

부품명 AZP92
상세설명  ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZM [Arizona Microtek, Inc]
홈페이지  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP92 데이터시트(HTML) 1 Page - Arizona Microtek, Inc

  AZP92_09 Datasheet HTML 1Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 2Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 3Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 4Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 5Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 6Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 7Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 8Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AZP92
ECL/PECL ÷1, ÷2 Clock Generation Chip with Selectable Enable
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (623) 505-2414
www.azmicrotek.com
ARIZONA MICROTEK, INC.
FEATURES
Green and RoHS Compliant / Lead (Pb)
Free Package Available
3.0V to 5.5V Operation
Selectable Divide Ratio
Selectable Enable Polarity and
Threshold (CMOS/TTL or PECL)
Selectable Input Biasing
High Bandwidth for
≥1GHz
-147 dBc/Hz (÷1), -150 dBc/Hz (÷2)
Typical Noise Floor
Available in a MLP 8 (2x2) Package
S Parameter and IBIS Model Files
Available on Arizona Microtek Website
DESCRIPTION
The AZP92 is a specialized ÷1 or ÷2 clock generation part including an enable/reset function. The divide ratio is
selected with the DIV-SEL pin/pad. When DIV-SEL is open (NC), the AZP92 functions as a standard receiver. If
DIV-SEL is connected to VEE, it functions as a ÷2 divider.
A selectable enable is provided which also functions as a reset when the ÷2 mode is selected. Enable (EN)
functionality is selected with the EN-SEL pin/pad which has three valid states: open (NC), VEE, or connected to VEE
via a 20k
Ω resistor. Leaving EN-SEL open or connecting it to VEE will select the EN pin/pad to function as an active
high CMOS/TTL enable. When EN-SEL is open, an internal 75k
Ω pull-up resistor is selected which enables the
outputs whenever EN is left open. When EN-SEL is connected to VEE, an internal 75kΩ pull-down resistor is
selected which disables the outputs whenever EN is left open.
Connecting the EN-SEL to VEE with a 20kΩ resistor will select the EN pin/pad to function as an active low
PECL/ECL enable with an internal 75k
Ω pull-down resistor. In this mode, outputs are enabled when EN is left open
(NC). This default logic condition can be overridden by connecting the EN to VCC with an external resistor of
≤20kΩ. Refer to the enable truth table on the next page for detailed operation.
MLP 8, 2x2 mm Package (AZP92NA)
The AZP92NA provides a VBB with an 1880Ω internal bias resistor from D to VBB. This feature allows AC
coupling with minimal external components. The VBB pin supports 1.5mA sink/source current and should be
bypassed to ground or VCC with a 0.01 μF capacitor.
NOTE: The specifications in the ECL/PECL tables are valid when thermal equilibrium has been established.
PACKAGE AVAILABILITY
PACKAGE
PART NO.
MARKING
NOTES
MLP 8 (2x2) Green
/ RoHS Compliant
/ Lead (Pb) Free
AZP92NAG
P1G
<Date Code>
1,2
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts)
Tape & Reel.
2
Date code format: “Y” for year followed by “WW” for week.


유사한 부품 번호 - AZP92_09

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AZP92NAG ETC1-AZP92NAG Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92NAG AZM-AZP92NAG Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92NAG AZM-AZP92NAG Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92NAG AZM-AZP92NAG Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92X ETC1-AZP92X Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
More results

유사한 설명 - AZP92_09

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92_1308 AZM-AZP92_1308 Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP94 AZM-AZP94_09 Datasheet
202Kb / 10P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94 AZM-AZP94 Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94_1205 AZM-AZP94_1205 Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com