전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA269B-SEFVG-PF 데이터시트(PDF) 7 Page - LIGITEK electronics co., ltd.

부품명 LA269B-SEFVG-PF
상세설명  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA269B-SEFVG-PF 데이터시트(HTML) 7 Page - LIGITEK electronics co., ltd.

  LA269B-SEFVG-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA269B-SEFVG-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA269B-SEFVG-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA269B-SEFVG-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA269B-SEFVG-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA269B-SEFVG-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA269B-SEFVG-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Solder Resistance
Test
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
This test intended to see soldering well
performed or not.
Thermal Shock Test
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
High Temperature
High Humidity Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
MIL-STD-202:103B
JIS C 7021: B-11
The purpose of this test is the resistance
of the device under tropical for hours.
High Temperature
Storage Test
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Operating Life Test
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-883:1008
JIS C 7021: B-10
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Reliability Test:
Test Item
Test Condition
Reference
Standard
Description
Page 6/6
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LA269B/SEFVG-PF


유사한 부품 번호 - LA269B-SEFVG-PF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LA2600 ETC1-LA2600 Datasheet
39Kb / 1P
   DOLBY B-TYPE NOISE REDUCYION SYSTEM
logo
Sanyo Semicon Device
LA2610 SANYO-LA2610 Datasheet
39Kb / 5P
   Analog Surround Processing IC
LA2615 SANYO-LA2615 Datasheet
46Kb / 7P
   Analog Surround IC Featuring the AViSSTM 3D Surround Algorithm
LA2615M SANYO-LA2615M Datasheet
46Kb / 7P
   Analog Surround IC Featuring the AViSSTM 3D Surround Algorithm
LA2616V SANYO-LA2616V Datasheet
247Kb / 6P
   Analog Surround IC
More results

유사한 설명 - LA269B-SEFVG-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com