전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC03AX1456CO 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 MC03AX1456CO
상세설명  ADSL Line Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC03AX1456CO 데이터시트(HTML) 1 Page - Motorola, Inc

  MC03AX1456CO Datasheet HTML 1Page - Motorola, Inc MC03AX1456CO Datasheet HTML 2Page - Motorola, Inc MC03AX1456CO Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0.1
© Motorola, Inc. 1996
11/96
Product Preview
ADSL Line Driver
The MC03AX1456 ADSL Line Driver provides a single chip analog
front end to interface the ADSL Transceiver to the line transformer.
The MC03AX1456CO is designed to fulfill the central office
requirements. The MC03AX1456RT is optimized for use at the remote
terminal (i.e. consumer premises). The ADSL Line Driver provides three
differential ports: a transmit and a receive port to interface to the ADSL
Transceiver’s transmit and receive ports, respectively; and a bidirectional
line port.
The transmit port incorporates a high–pass filter and a programmable
gain stage with three settings. The receive port incorporates a
programmable HF boost and a programmable gain stage, each with three
settings, as well as a high pass–filter.
Hybrid balance for echo cancellation
Defined termination impedance to the line
Programmable transmit gain (3 settings)
Programmable receive gain (3 setting)
Programmable HF boost (3 setting)
Transmit band for CO is 26KHz–1104KHz
Transmit band for the RT is 26KHz–138KHz
Frequency ripple <0.5dB (CO and RT)
Standby mode for lower power dissipation (CO and RT)
±15V ±10% supply voltages
30–pin HSOP package
ADSL System Block Diagram
MC145650
Copper Gold
ADSL Transceiver
Central Office Unit
Host uP
0–1 Mbps
0–8 Mbps
MC03AX1456CO
Line Driver/Hybrid
MC145650
Copper Gold
ADSL Transceiver
Host uP
0–1 Mbps
0–8 Mbps
MC03AX1456RT
Line Driver/Hybrid
Remote Unit
Line Transformers
and POTS Splitters
This document contains information on a product under development. Motorola reserves the right to change or
discontinue this product without notice.
MC03AX1456CO
MC03AX1456RT
HSOP PACKAGE
CASE 979A–02


유사한 부품 번호 - MC03AX1456CO

제조업체부품명데이터시트상세설명
logo
C&K Components
MC03 CK-COMPONENTS-MC03 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
List of Unclassifed Man...
MC035 ETC1-MC035 Datasheet
212Kb / 4P
   MICROCOUPLERS FOR HYBRID CIRCUITS
logo
MORNSUN Science& Techno...
MC03609HA MORNSUN-MC03609HA Datasheet
306Kb / 4P
   36W AC/DC Adapter
MC03612HA MORNSUN-MC03612HA Datasheet
306Kb / 4P
   36W AC/DC Adapter
MC03615HA MORNSUN-MC03615HA Datasheet
306Kb / 4P
   36W AC/DC Adapter
More results

유사한 설명 - MC03AX1456CO

제조업체부품명데이터시트상세설명
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
0023AD4S XFMRS-0023AD4S Datasheet
61Kb / 1P
   ADSL LINE DRIVER XFMR
XF0053-AD4MS XFMRS-XF0053-AD4MS_15 Datasheet
62Kb / 1P
   ADSL LINE DRIVER XFMR
XF0053-AD4 XFMRS-XF0053-AD4_15 Datasheet
60Kb / 1P
   ADSL LINE DRIVER XFMR
XF0053-AD4S XFMRS-XF0053-AD4S_15 Datasheet
62Kb / 1P
   ADSL LINE DRIVER XFMR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com