전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBM140L-HF 데이터시트(PDF) 4 Page - Comchip Technology

부품명 CDBM140L-HF
상세설명  Low VF SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBM140L-HF 데이터시트(HTML) 4 Page - Comchip Technology

  CDBM140L-HF Datasheet HTML 1Page - Comchip Technology CDBM140L-HF Datasheet HTML 2Page - Comchip Technology CDBM140L-HF Datasheet HTML 3Page - Comchip Technology CDBM140L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-JL001
SMD Diodes Specialist
COMCHIP
Comchip Technology CO., LTD.
Page 4
REV:A
Low VF SMD Schottky Barrier Rectifiers
Suggested PAD Layout
Part Number
L2
Marking Code
Marking Code
A
B
C
E
D
XX
Standard Package
Case Type
Qty per Reel
(Pcs)
2500
Reel Size
(inch)
7
SIZE
(inch)
0.130
(mm)
3.30
1.40
1.90
0.055
0.075
4.70
0.185
E
1.90
0.075
B
C
D
A
Mini-SMA/SOD-123
L4
Mini-SMA/SOD-123
CDBM120L-HF
CDBM140L-HF
XX = Product type marking code


유사한 부품 번호 - CDBM140L-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBM140L-G COMCHIP-CDBM140L-G Datasheet
598Kb / 2P
   Low VF SMD Schottky Barrier Rectifier
CDBM140L-G COMCHIP-CDBM140L-G Datasheet
93Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results

유사한 설명 - CDBM140L-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-G COMCHIP-CDBA120L-G Datasheet
49Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM220L-HF COMCHIP-CDBM220L-HF Datasheet
94Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-G COMCHIP-CDBMT220L-G Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM220L-G COMCHIP-CDBM220L-G Datasheet
45Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-HF COMCHIP-CDBMT220L-HF Datasheet
94Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com