전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

73K324BL 데이터시트(PDF) 10 Page - Teridian Semiconductor Corporation

부품명 73K324BL
상세설명  Single-Chip Modem w/ Integrated Hybrid
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TERIDIAN [Teridian Semiconductor Corporation]
홈페이지  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73K324BL 데이터시트(HTML) 10 Page - Teridian Semiconductor Corporation

Back Button 73K324BL Datasheet HTML 6Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 7Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 8Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 9Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 10Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 11Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 12Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 13Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 14Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
73K324BL
CCITT V.22bis,V.23,V.22,V.21, Bell 212A
Single-Chip Modem w/ Integrated Hybrid
DATA SHEET
Page: 10 of 34
© 2005, 2008 TERIDIAN Semiconductor Corporation
Rev 6.1
REGISTER ADDRESS TABLE
MODULATION
OPTION
00 = NORMAL
01 = ANALOG LOOPBACK
10 = REMOTE DIGITAL
LOOPBACK
11 = LOCAL DIGITAL
LOOPBACK
CONTROL
REGISTER
000
TRANSMIT
MODE
2
TRANSMIT
MODE
1
TRANSMIT
ENABLE
ANSWER/
ORIGINATE
DATA BIT NUMBER
AD2 - AD0
REGISTER
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
TEST
MODE
0
TEST
MODE
1
RESET
CLK
CONTROL
BYPASS
SCRAMBLER
ENABLE
DETECT
INTERRUPT
TRANSMIT
PATTERN
0
TRANSMIT
PATTERN
1
001
CONTROL
REGISTER
CR1
SIGNAL
QUALITY
INDICATOR
CP
TONE
DETECT
ANSWER
TONE
DETECT
CARRIER
DETECT
RECEIVE
DATA
010
DETECT
REGISTER
READ ONLY
DR
DTMF0/
GUARD/
ANSWER/
CALLING/SCT
DTMF1/
EXTENDED
OVERSPEED
DTMF2/
4W/FDX
DTMF3
TRANSMIT
DTMF
TRANSMIT
ANSWER
TONE
RXD
OUTPUT
CONTROL
011
TONE
CONTROL
REGISTER
TR
TRANSMIT
MODE
0
0000 = PWR DOWN
0001 = INT SYNCH
0010 = EXT SYNCH
0011 = SLAVE SYNCH
0100 = ASYNCH 8 BITS/CHAR
0101 = ASYNCH 9 BITS/CHAR
0110 = ASYNCH 10 BITS/CHAR
0111 = ASYNCH 11 BITS/CHAR
1X00 = FSK
0 = DISABLE
TXA OUTPUT
1 = ENABLE
TXA OUTPUT
In V.21, V.22, V.22bis
0=ANSWER
1=ORIGINATE
In V.23:
0=BC XMIT
1=MC XMIT
00 = TX DATA
01 = TX ALTERNATE
10 = TX MARK
11 = TX SPACE
0 = DISABLE
1 = ENABLE
0 = NORMAL
1 = BYPASS
SCRAMBLER
0 = XTAL
1 = 16 X DATA
RATE OUTPUT
AT CLK PIN IN
QAM/DPSK MODE
ONLY
0 = NORMAL
1 = RESET
OUTPUTS
RECEIVED
DATA STREAM
0 = CONDITION NOT DETECTED
1 = CONDITION DETECTED
RXD PIN
0 = NORMAL
1 = OPEN
0 = OFF
1 = ON
0 = DATA
CARRIER
1=TX DTMF
4 BIT CODE FOR 1 OF 16
DUAL TONE COMBINATIONS
CR0
QAM:
0 = 2400 BIT/S
DPSK: 0=1200 BIT/S
1 = 600 BIT/S
FSK:
0 = V.23
1 = V.21
TRANSMIT
GUARD/
TONE
GUARD:
0-1800 Hz
1-550 Hz
ANSWER: 0-2225 Hz
1-2100 Hz
CALLING: 0-1300 Hz
SCT:
1-900 Hz
0 = OFF
1 = ON
UNSCR.
MARKS
DETECT
CONTROL
REGISTER
2
CR2
100
0
SPECIAL
REGISTER
ACCESS
CALL
INTIALIZE
TRANSMIT
S1
S1
PATTERN
DETECT
RECEIVE
LEVEL
INDICATOR
16 WAY
RESET
DSP
TRAIN
INHIBIT
EQUALIZER
ENABLE
0=ACCESS CR3
1=ACCESS
SPECIAL
REGISTER
1
0
MODULATION
TYPE
1
MODULATION
TYPE
0
10=QA,
00=DPSK
01=FSK
0=SIGNAL
BELOW
THRESHOLD
1=ABOVE
THRESHOLD
0=NOT PRESENT
1=PATTERN
FOUND
0=GOOD
1=BAD
0=DSP IN
DEMOD MODE
1=DSP IN CALL
PROGRESS
MODE
0=NORMAL
DOTTING
1=S1
0=RX=TX
1=RX=16WAY
0=DSP
INACTIVE
1=DSP
ACTIVE
0=ADAPT EQ
ACTIVE
1=ADAPT EQ
FROZEN
0=ADAPT EQ
IN INIT
1=ADAPT EQ
OK TO ADAPT
CONTROL
REGISTER
3
CR3
101
TXDALT
TRISTATE
TX/RXCLK
OH
RECEIVE
GAIN
BOOST
TRANSMIT
ATTEN.
3
TRANSMIT
ATTEN.
2
TRANSMIT
ATTEN.
1
TRANSMIT
ATTEN.
0
ALTERNATE
TRANSMIT
DATA
SOURCE
0=NORMAL
1=TRISTATE
0=OH RELAY
DRIVER OPEN
1=OH OPEN
DRAIN
DRIVER PULLING
LOW
0000-1111,SETS
TRANSMIT ATTENUATOR
16 dB RANGE
DEFAULT=0100 -10 dBm0
0=NO BOOST
1=18 dB BOOST
SPECIAL
REGISTER
SR
101
0
TX BAUD
CLOCK
RX UNSCR.
DATA
0
TXD
SOURCE
SQ
SELECT 1
SQ
SELECT 0
0
OUTPUTS
TXBAUD
CLOCK
00 10-5 BER
01 10-6 BER
10 10-4 BER
11 10-3 BER
OUTPUTS
UNSCR.
DATA
0=TXD PIN
1=TXALT BIT
ID
REGISTER
READ ONLY
10
110
1
1
1
0X
X
X
X
0 = Only write zeros to these locations
X = Undefined, mask in software
00XX=73K212AL, 322L, 321L
01XX=73K221AL, 302L
10XX=73K222AL, 222BL
1100=73K224L
1110=73K324L
1100=73K224BL
1110=73K324BL


유사한 부품 번호 - 73K324BL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
73K324BL ETC-73K324BL Datasheet
319Kb / 34P
   Single-Chip Modem w/Integrated Hybrid
logo
TDK Electronics
73K324BL TDK-73K324BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
List of Unclassifed Man...
73K324BL-IGT ETC-73K324BL-IGT Datasheet
319Kb / 34P
   Single-Chip Modem w/Integrated Hybrid
73K324BL-IH ETC-73K324BL-IH Datasheet
319Kb / 34P
   Single-Chip Modem w/Integrated Hybrid
More results

유사한 설명 - 73K324BL

제조업체부품명데이터시트상세설명
logo
Teridian Semiconductor ...
73K224BL TERIDIAN-73K224BL Datasheet
207Kb / 33P
   Single-Chip Modem w/ Integrated Hybrid
logo
List of Unclassifed Man...
73K224BL ETC-73K224BL Datasheet
237Kb / 33P
   Single-Chip Modem w/ Integrated Hybrid
73K324BL ETC-73K324BL Datasheet
319Kb / 34P
   Single-Chip Modem w/Integrated Hybrid
logo
Infineon Technologies A...
VDSL5100I INFINEON-VDSL5100I Datasheet
607Kb / 2P
   Integrated Single-port VDSL Modem-on-Chip
2003-07-01
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
   Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com