전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFD3A5-63-XX-RP75-PF 데이터시트(PDF) 2 Page - LIGITEK electronics co., ltd.

부품명 LFD3A5-63-XX-RP75-PF
상세설명  FOUR DIGIT LED DISPLAY (0.3 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD3A5-63-XX-RP75-PF 데이터시트(HTML) 2 Page - LIGITEK electronics co., ltd.

  LFD3A5-63-XX-RP75-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD3A5-63-XX-RP75-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD3A5-63-XX-RP75-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD3A5-63-XX-RP75-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD3A5-63-XX-RP75-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD3A5-63-XX-RP75-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD3A5-63-XX-RP75-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD3A5-63-XX-RP75-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD3A5-63-XX-RP75-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN NO.1
DP9
DP8
7.0
(0.276")
DP10
13.2
(0.52")
DP5
DIG.2
DIG.3
DP2
DP1
DIG.1
DP7
DP6
DP3
LFD3A5/63-XX/RP75-PF
LIGITEK
DP4
30.4(1.197")
DIG.4
7.5
±0.5
2.50X10=25.0
(0.98")
7.6
(0.3")
ψ0.45
TYP
10.0
(0.394")
A
E
D
DP
C
F
B
G
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1/8
Page
PART NO. LFD3A5/63-XX/RP75-PF
Package Dimensions
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
PIN1
PIN10
PIN11
PIN20


유사한 부품 번호 - LFD3A5-63-XX-RP75-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LFD3A5-62-XX-RP75-PF LIGITEK-LFD3A5-62-XX-RP75-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-R1-XX LIGITEK-LFD3A5-64-R1-XX Datasheet
124Kb / 8P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-XX LIGITEK-LFD3A5-64-XX Datasheet
127Kb / 8P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-XX-RP146-PF LIGITEK-LFD3A5-64-XX-RP146-PF Datasheet
175Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-XX-RP75-PF LIGITEK-LFD3A5-64-XX-RP75-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
More results

유사한 설명 - LFD3A5-63-XX-RP75-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LFD3A5-64-XX LIGITEK-LFD3A5-64-XX Datasheet
127Kb / 8P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-XX-RP146-PF LIGITEK-LFD3A5-64-XX-RP146-PF Datasheet
175Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-R1-XX LIGITEK-LFD3A5-64-R1-XX Datasheet
124Kb / 8P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-62-XX-RP75-PF LIGITEK-LFD3A5-62-XX-RP75-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-XX-RP75-PF LIGITEK-LFD3A5-64-XX-RP75-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LSD3012P-XX-PF LIGITEK-LSD3012P-XX-PF Datasheet
137Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-P7-PF LIGITEK-LSD3922-XX-P7-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-PF LIGITEK-LSD3922-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3015-XX LIGITEK-LSD3015-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3025-XX-PF LIGITEK-LSD3025-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com