전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFD3D5-69-XX-F1-PF 데이터시트(PDF) 2 Page - LIGITEK electronics co., ltd.

부품명 LFD3D5-69-XX-F1-PF
상세설명  FOUR DIGIT LED DISPLAY (0.36 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD3D5-69-XX-F1-PF 데이터시트(HTML) 2 Page - LIGITEK electronics co., ltd.

  LFD3D5-69-XX-F1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD3D5-69-XX-F1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD3D5-69-XX-F1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD3D5-69-XX-F1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD3D5-69-XX-F1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD3D5-69-XX-F1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD3D5-69-XX-F1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD3D5-69-XX-F1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD3D5-69-XX-F1-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LFD3D5/69-XX/F1-PF
Package Dimensions
PART NO.
Page 1/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
DIG.4
LFD3D5/69-XX/F1-PF
LIGITEK
9.1(0.358")
L3
A
DIG.2
G
F
E
D
C
B
DP
DIG.3
L1
L2
7.0(0.276")
13.0(0.512")
ψ1.2
43.75(1.722")
0.51TYP
2.54*13=33.02(1.3")
3.0
2.6
+0.4
-0.3
+0.4
-0.3
PIN.NO.1
PIN 1
PIN 14


유사한 부품 번호 - LFD3D5-69-XX-F1-PF

제조업체부품명데이터시트상세설명
logo
Systemsensor advanced i...
LFD30-2 SYSTEMSENSOR-LFD30-2 Datasheet
130Kb / 2P
   Low Flow Rate Waterflow Detectors
logo
LIGITEK electronics co....
LFD315-62-XX-PF LIGITEK-LFD315-62-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-62U-XX-PF LIGITEK-LFD315-62U-XX-PF Datasheet
260Kb / 9P
   FOUR DIGIT LED DISPLAY
LFD315-63-XX-G-PF LIGITEK-LFD315-63-XX-G-PF Datasheet
142Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-64-XX LIGITEK-LFD315-64-XX Datasheet
112Kb / 8P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
More results

유사한 설명 - LFD3D5-69-XX-F1-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LFD315-66-XX-T-PF LIGITEK-LFD315-66-XX-T-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD3E5-69-XX-F1-PF LIGITEK-LFD3E5-69-XX-F1-PF Datasheet
158Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-63-XX-G-PF LIGITEK-LFD315-63-XX-G-PF Datasheet
142Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-65-XX-PF LIGITEK-LFD315-65-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-62-XX-PF LIGITEK-LFD315-62-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-65-XX-RP61-PF LIGITEK-LFD315-65-XX-RP61-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-64-XX LIGITEK-LFD315-64-XX Datasheet
112Kb / 8P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-64-XX-PF LIGITEK-LFD315-64-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
logo
Lucky Light Electronic
KW4-361 LUCKY-LIGHT-KW4-361 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.36)
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com