전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFD265-64S-XX-PF 데이터시트(PDF) 2 Page - LIGITEK electronics co., ltd.

부품명 LFD265-64S-XX-PF
상세설명  FOUR DIGIT LED DISPLAY (0.28 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD265-64S-XX-PF 데이터시트(HTML) 2 Page - LIGITEK electronics co., ltd.

  LFD265-64S-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD265-64S-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD265-64S-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD265-64S-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD265-64S-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD265-64S-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD265-64S-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD265-64S-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD265-64S-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
7.62
(0.3")
10.0
(0.394")
7.0
(0.28")
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
F
PIN NO.1
CUSTOMER P/N
LAPLING
2.54X7=17.78
(0.7")
ψ0.45
TYP
E
3.5
±0.5
ψ0.8(0.031")
C
D
DP
G
B
A
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
6.1(0.24")
LFD265/64S-XX-PF
BIN GRADING
ORDER DATE
Package Dimensions
DIG.2
30.26(1.191")
DIG.1
PART NO. LFD265/64S-XX-PF
DIG.4
DIG.3
L1
L2
L3
Page 1/8


유사한 부품 번호 - LFD265-64S-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LFD265-64-XX LIGITEK-LFD265-64-XX Datasheet
107Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-64-XX-PF LIGITEK-LFD265-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results

유사한 설명 - LFD265-64S-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-24S-XX-PF LIGITEK-LFD211-24S-XX-PF Datasheet
156Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-64-XX-PF LIGITEK-LFD265-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-21-XX LIGITEK-LFD211-21-XX Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-RP85-PF LIGITEK-LFD265-6A-XX-RP85-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-S1-PF LIGITEK-LFD265-6A-XX-S1-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com