전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFD315-63-XX-G-PF 데이터시트(PDF) 8 Page - LIGITEK electronics co., ltd.

부품명 LFD315-63-XX-G-PF
상세설명  FOUR DIGIT LED DISPLAY (0.36 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD315-63-XX-G-PF 데이터시트(HTML) 8 Page - LIGITEK electronics co., ltd.

  LFD315-63-XX-G-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD315-63-XX-G-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD315-63-XX-G-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD315-63-XX-G-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD315-63-XX-G-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD315-63-XX-G-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD315-63-XX-G-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD315-63-XX-G-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD315-63-XX-G-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
60 Seconds Max
0
Temp(
°C)
25°
120°
260°
5
°/sec
max
260
°C3sec Max
50
2
°/sec
max
Preheat
Time(sec)
100
150
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One Time)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 7/8
PART NO. LFD315/63-XX/G-PF


유사한 부품 번호 - LFD315-63-XX-G-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LFD315-62-XX-PF LIGITEK-LFD315-62-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-62U-XX-PF LIGITEK-LFD315-62U-XX-PF Datasheet
260Kb / 9P
   FOUR DIGIT LED DISPLAY
LFD315-64-XX LIGITEK-LFD315-64-XX Datasheet
112Kb / 8P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-64-XX-PF LIGITEK-LFD315-64-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-65-XX-PF LIGITEK-LFD315-65-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
More results

유사한 설명 - LFD315-63-XX-G-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LFD315-66-XX-T-PF LIGITEK-LFD315-66-XX-T-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD3E5-69-XX-F1-PF LIGITEK-LFD3E5-69-XX-F1-PF Datasheet
158Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-65-XX-PF LIGITEK-LFD315-65-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-62-XX-PF LIGITEK-LFD315-62-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD3D5-69-XX-F1-PF LIGITEK-LFD3D5-69-XX-F1-PF Datasheet
163Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-65-XX-RP61-PF LIGITEK-LFD315-65-XX-RP61-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-64-XX LIGITEK-LFD315-64-XX Datasheet
112Kb / 8P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-64-XX-PF LIGITEK-LFD315-64-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
logo
Lucky Light Electronic
KW4-361 LUCKY-LIGHT-KW4-361 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.36)
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com