전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFD495-64-XX-PF 데이터시트(PDF) 6 Page - LIGITEK electronics co., ltd.

부품명 LFD495-64-XX-PF
상세설명  FOUR DIGIT LED DISPLAY (0.4 lnch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD495-64-XX-PF 데이터시트(HTML) 6 Page - LIGITEK electronics co., ltd.

  LFD495-64-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD495-64-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD495-64-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD495-64-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD495-64-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD495-64-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD495-64-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD495-64-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD495-64-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 5/8
Unit
Symbol
Parameter
Test Condition For Each Parameter
nm
mcd
nm
μA
λP
Iv
△λ
Ir
IV-M
Luminous Intensity Per Chip
Peak Wavelength
Spectral Line Half-Width
Reverse Current Any Chip
Luminous Intensity Matching Ratio
Forward Voltage Per Chip
Vf
volt
Vr=5V
If=10mA
If=20mA
If=20mA
Test Condition
If=20mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LFD495/64-XX-PF


유사한 부품 번호 - LFD495-64-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LFD495-64S-XX-RP4-PF LIGITEK-LFD495-64S-XX-RP4-PF Datasheet
189Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
More results

유사한 설명 - LFD495-64-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LFD495-62-XX-RP3-PF LIGITEK-LFD495-62-XX-RP3-PF Datasheet
155Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-62-XX-RP11-PF LIGITEK-LFD495-62-XX-RP11-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-63-XX-RP4-PF LIGITEK-LFD495-63-XX-RP4-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-62-XX-PF LIGITEK-LFD495-62-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-64S-XX-RP4-PF LIGITEK-LFD495-64S-XX-RP4-PF Datasheet
189Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-62-XX-RP4-PF LIGITEK-LFD495-62-XX-RP4-PF Datasheet
118Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-65-XX-PF LIGITEK-LFD495-65-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-62V-XX-PF LIGITEK-LFD495-62V-XX-PF Datasheet
169Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-62-XX-KP13-PF LIGITEK-LFD495-62-XX-KP13-PF Datasheet
116Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-62-XX-RP13-PF LIGITEK-LFD495-62-XX-RP13-PF Datasheet
118Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com