전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LH3330-PF 데이터시트(PDF) 4 Page - LIGITEK electronics co., ltd.

부품명 LH3330-PF
상세설명  ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LH3330-PF 데이터시트(HTML) 4 Page - LIGITEK electronics co., ltd.

  LH3330-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LH3330-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LH3330-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LH3330-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LH3330-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LH3330-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
600
0.0
0.5
Wavelength (nm)
700
800
900
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
-20
-40
0.8
1.0
0.9
1.1
1.2
0.5
-20
Ambient Temperature(
)
80
60
40
20
0
-40
100
0.0
80
60
0
20
40
100
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
100
0.1
1.0
1.0
10
1000
H CHIP
Forward Voltage(V)
2.0
3.0
4.0
5.0
1.0
0.0
1.5
1.0
0.5
2.0
2.5
Forward Current(mA)
10
100
1000
Fig.2 Relative Intensity vs. Forward Current
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1000
3/5
PART NO.
Page
LH3330-PF


유사한 부품 번호 - LH3330-PF

제조업체부품명데이터시트상세설명
LIGITEK electronics co., ltd.
LIGITEK electronics co....
LH3330-PF-TRF-X LIGITEK-LH3330-PF-TRF-X Datasheet
152Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
More results

유사한 설명 - LH3330-PF

제조업체부품명데이터시트상세설명
List of Unclassifed Manufacturers
List of Unclassifed Man...
LUY2043 ETC2-LUY2043 Datasheet
100Kb / 5P
   ROUND TYPE LED LAMPS
LIGITEK electronics co., ltd.
LIGITEK electronics co....
L8G2040 LIGITEK-L8G2040 Datasheet
110Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LA2640 LIGITEK-LA2640 Datasheet
118Kb / 5P
   ROUND TYPE LED LAMPS
LDBK2043-S99-H LIGITEK-LDBK2043-S99-H Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK2641Z LIGITEK-LDBK2641Z Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK3333-H0 LIGITEK-LDBK3333-H0 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK3333-HV12-1 LIGITEK-LDBK3333-HV12-1 Datasheet
134Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com