전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC90A45P 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TC90A45P
상세설명  NTSC 2-LINE DIGITAL Y/C SEPARATION IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A45P 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TC90A45P Datasheet HTML 3Page - Toshiba Semiconductor TC90A45P Datasheet HTML 4Page - Toshiba Semiconductor TC90A45P Datasheet HTML 5Page - Toshiba Semiconductor TC90A45P Datasheet HTML 6Page - Toshiba Semiconductor TC90A45P Datasheet HTML 7Page - Toshiba Semiconductor TC90A45P Datasheet HTML 8Page - Toshiba Semiconductor TC90A45P Datasheet HTML 9Page - Toshiba Semiconductor TC90A45P Datasheet HTML 10Page - Toshiba Semiconductor TC90A45P Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC90A44P,45P/F
2001-01-16 7/11
AC CHARACTERISTICS
(1)Y output (Ta = 25°C, VDD = 5 V, input clock : 3.579545 MHz 0.4 Vp-p, S1 = 1)
CHARACTERISTICS
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Level
VIN
1
0~140 IRE
0.75
Vp-p
Low Frequency Gain
GV
1
S2 = 1, S3 = 1, S4 = 2
VIN = 15.73426 kHz, 0.75
Vp-p, Vdc = 2.5 V
6.8
7.2
7.7
dB
f2 / f1
MTF1
−0.8
−1.0
−2.0
Frequency
Response
f4 / f1
MTF2
1
−1.5
−2.0
−3.0
dB
Comb
Characteristics
f2 / f3
COMBY
1
S2 = 1, S3 = 1, S4 = 2
VIN = 0.75 Vp-p, Vdc = 2.5 V
−46
−40
dB
Output Impedance
Zo
1
S2 = 2, S4 = 2
VIN = 15.73426 kHz, 0.75
Vp-p, Vdc = 2.5 V
400
V2
V2
V1
Zo
´
-
=
V1 : S3 = 1, V2 : S3 = 2
250
400
700
(Note) : f1 = fH = 15.73426 kHz, f2 = fsc = 3.579545 MHz, f3 = fsc + 1 / 2fH = 3.587412 MHz,
f4 = 1 / 3 (4fsc) = 4.772727 MHz
CONDITION OF INPUT SIGNAL


유사한 부품 번호 - TC90A45P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC90A45P TOSHIBA-TC90A45P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
More results

유사한 설명 - TC90A45P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC90A44P TOSHIBA-TC90A44P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A53N TOSHIBA-TC90A53N Datasheet
305Kb / 17P
   3-LINE DIGITAL Y / C SEPARATOR IC
logo
Sony Corporation
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Panasonic Semiconductor
MN82832 PANASONIC-MN82832 Datasheet
83Kb / 4P
   3-Dimension Y/C Separation LSI
logo
Toshiba Semiconductor
TC9090AN TOSHIBA-TC9090AN Datasheet
787Kb / 23P
   Multicolor system Version 3-Line digital YC Separation ic
logo
Sony Corporation
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
logo
Toshiba Semiconductor
TC90A49P TOSHIBA-TC90A49P Datasheet
337Kb / 17P
   3LINE DIGITAL Y / C SEPARATOR IC (MULTICOLOR TYPE)
logo
NEC
UPD64084 NEC-UPD64084 Datasheet
419Kb / 66P
   THREE-DIMENSIONAL Y/C SEPARATION LSI WITH ON-CHIP MEMORY
logo
Sony Corporation
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
   Y/C/RGB/D for NTSC Color TVs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com