전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSD315-63V-XX-PF 데이터시트(PDF) 2 Page - LIGITEK electronics co., ltd.

부품명 LSD315-63V-XX-PF
상세설명  SINGLE DIGIT LED DISPLAY (0.36 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD315-63V-XX-PF 데이터시트(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD315-63V-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1/8
Page
8.48
(0.334")
Ø0.45 TYP
LSD315/63V-XX-PF
PIN NO.1
Package Dimensions
PART NO.
7.5
(0.295")
LSD315/63V-XX-PF
LIGITEK
5.04
(0.198")
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.
ψ1.1(0.043")
3.7
±0.5
9.14
(0.36")
14.0
(0.551")
2.54X4=
10.16(0.4")


유사한 부품 번호 - LSD315-63V-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD315-62-XX-PF LIGITEK-LSD315-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62V-XX-PF LIGITEK-LSD315-62V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-RP25-PF LIGITEK-LSD315-64-XX-RP25-PF Datasheet
138Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64SF-XX-PF LIGITEK-LSD315-64SF-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
More results

유사한 설명 - LSD315-63V-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62V-XX-PF LIGITEK-LSD315-62V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-65-XX-PF LIGITEK-LSD315-65-XX-PF Datasheet
142Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-65F-XX-PF LIGITEK-LSD315-65F-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62-XX-PF LIGITEK-LSD315-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-RP25-PF LIGITEK-LSD315-64-XX-RP25-PF Datasheet
138Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64SF-XX-PF LIGITEK-LSD315-64SF-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-65-XX-PF LIGITEK-LSD315-65-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-66-XX LIGITEK-LSD315-66-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com