전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSD315-64-XX-RP25-PF 데이터시트(PDF) 6 Page - LIGITEK electronics co., ltd.

부품명 LSD315-64-XX-RP25-PF
상세설명  SINGLE DIGIT LED DISPLAY (0.36 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD315-64-XX-RP25-PF 데이터시트(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSD315-64-XX-RP25-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PART NO. LSD315/64-XX/RP25-PF
Test Condition For Each Parameter
Luminous Intensity Matching Ratio
Parameter
Reverse Current Any Chip
Dominant Wavelength
Spectral Line Half-Width
Luminous Intensity Per Chip
Forward Voltage Per Chip
Test Condition
Unit
Symbol
IV-M
Ir
μA
Iv
△λ
λP
Vf
mcd
nm
nm
volt
Vr=5V
If=20mA
If=20mA
If=10mA
If=10mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 5/8


유사한 부품 번호 - LSD315-64-XX-RP25-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
More results

유사한 설명 - LSD315-64-XX-RP25-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62V-XX-PF LIGITEK-LSD315-62V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-63V-XX-PF LIGITEK-LSD315-63V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-65-XX-PF LIGITEK-LSD315-65-XX-PF Datasheet
142Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-65F-XX-PF LIGITEK-LSD315-65F-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62-XX-PF LIGITEK-LSD315-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64SF-XX-PF LIGITEK-LSD315-64SF-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-65-XX-PF LIGITEK-LSD315-65-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-66-XX LIGITEK-LSD315-66-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com