전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSD335-62V-XX-PF 데이터시트(PDF) 2 Page - LIGITEK electronics co., ltd.

부품명 LSD335-62V-XX-PF
상세설명  SINGLE DIGIT LED DISPLAY (0.32 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD335-62V-XX-PF 데이터시트(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD335-62V-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD335-62V-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD335-62V-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD335-62V-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD335-62V-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD335-62V-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD335-62V-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD335-62V-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD335-62V-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PART NO.
Package Dimensions
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.
LSD335/62V-XX-PF
Page 1/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
ψ1.0(0.039")
13.0
(0.512")
2.54X4
=10.16
(0.4")
Ø0.45
TYP
LSD335/62V-XX-PF
LIGITEK
6.9
±0.5
5.08
(0.2")
7.5
(0.295")
8.0
(0.32")
PIN NO.1
6.5
(0.256")
PIN 1
PIN 10
PIN 6
PIN 5


유사한 부품 번호 - LSD335-62V-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD335-62V-XX-RP6-PF LIGITEK-LSD335-62V-XX-RP6-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
More results

유사한 설명 - LSD335-62V-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD335-61-XX-RP3 LIGITEK-LSD335-61-XX-RP3 Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-66-XX-RP38-PF LIGITEK-LSD335-66-XX-RP38-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-62V-XX-RP6-PF LIGITEK-LSD335-62V-XX-RP6-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-64-XX-PF LIGITEK-LSD335-64-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-RP38 LIGITEK-LSD335-65-XX-RP38 Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-61-XX-RP117-PF LIGITEK-LSD335-61-XX-RP117-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-63-XX-RP4 LIGITEK-LSD335-63-XX-RP4 Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-PF LIGITEK-LSD335-65-XX-PF Datasheet
156Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-RP195-PF LIGITEK-LSD335-65-XX-RP195-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-66-XX-PF LIGITEK-LSD335-66-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com