전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSD355-62P-XX 데이터시트(PDF) 6 Page - LIGITEK electronics co., ltd.

부품명 LSD355-62P-XX
상세설명  SINGLE DIGIT LED DISPLAY(0.39Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD355-62P-XX 데이터시트(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSD355-62P-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD355-62P-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD355-62P-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD355-62P-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD355-62P-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD355-62P-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD355-62P-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD355-62P-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Test Condition For Each Parameter
Parameter
Forward Voltage Per Chip
Peak Wavelength
Luminous Intensity Matching Ratio
Reverse Current Any Chip
Spectral Line Half-Width
Luminous Intensity Per Chip
PART NO. LSD355/62P-XX
Unit
Symbol
Test Condition
IV-M
Ir
μA
Iv
λp
△λ
Vf
mcd
nm
nm
volt
Vr=5V
If=10mA
If=20mA
If=20mA
If=20mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
5/7
Page


유사한 부품 번호 - LSD355-62P-XX

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD355-62-XX-PF LIGITEK-LSD355-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62-XX-S4 LIGITEK-LSD355-62-XX-S4 Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD355-62V-XX LIGITEK-LSD355-62V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
More results

유사한 설명 - LSD355-62P-XX

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-65-XX-P21-PF LIGITEK-LSD355-65-XX-P21-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-S3 LIGITEK-LSD355-6SBKS-XX-S3 Datasheet
128Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-66F-XX-PF LIGITEK-LSD355-66F-XX-PF Datasheet
161Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62V-XX LIGITEK-LSD355-62V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-62-XX-PF LIGITEK-LSD355-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-P19-PF LIGITEK-LSD355-6SBKS-XX-P19-PF Datasheet
133Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBK-XX-PF LIGITEK-LSD355-6SBK-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-65-XX-PF LIGITEK-LSD355-65-XX-PF Datasheet
142Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com